Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTY100N10E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTY100N10E
Description  TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTY100N10E Datasheet(HTML) 5 Page - Motorola, Inc

  MTY100N10E Datasheet HTML 1Page - Motorola, Inc MTY100N10E Datasheet HTML 2Page - Motorola, Inc MTY100N10E Datasheet HTML 3Page - Motorola, Inc MTY100N10E Datasheet HTML 4Page - Motorola, Inc MTY100N10E Datasheet HTML 5Page - Motorola, Inc MTY100N10E Datasheet HTML 6Page - Motorola, Inc MTY100N10E Datasheet HTML 7Page - Motorola, Inc MTY100N10E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTY100N10E
5
Motorola TMOS Power MOSFET Transistor Device Data
100
0
0.5
0.6
0.7
0.8
VGS = 0 V
TJ = 25°C
10000
1000
10
1
10
100
12
10
8
6
4
2
0
0
50
100
150
200
300
Qg, TOTAL GATE CHARGE (nC)
Q2
120
100
80
60
40
20
0
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 8. Gate Charge versus Gate–to–Source Voltage
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
Figure 10. Diode Forward Voltage versus Current
QT
TJ = 25°C
ID = 100 A
VDD = 50 V
ID = 100 A
VGS = 10 V
TJ = 25°C
td(on)
td(off)
tf
tr
0.9
100
250
80
60
40
20
1.1
1
Q1
Q3
VGS
VDS
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance–General
Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded and the transition time
(tr,tf) do not exceed 10 µs. In addition the total power aver-
aged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A Power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and adjusted for operating conditions differing
from those specified. Although industry practice is to rate in
terms of energy, avalanche energy capability is not a con-
stant. The energy rating decreases non–linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 12). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - MTY100N10E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTY100N10E ONSEMI-MTY100N10E Datasheet
212Kb / 7P
   Power MOSFET
August, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MTY100N10E ISC-MTY100N10E Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTY100N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTW33N10E MOTOROLA-MTW33N10E Datasheet
227Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
   TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTP27N10E MOTOROLA-MTP27N10E Datasheet
230Kb / 8P
   TMOS POWER FET 27 AMPERES 100 VOLTS RDS(on) = 0.07 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
MTE215N10E MOTOROLA-MTE215N10E Datasheet
226Kb / 8P
   TMOS POWER FET 215 AMPERES 100 VOLTS RDS(on) = 0.0055 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com