Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A65H73361 Datasheet(PDF) 10 Page - AMIC Technology

Part # A65H73361
Description  128K x 36 & 256K x 18 Late Write Synchronous Fast SRAM with Pipelined Data Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A65H73361 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A65H73361 Datasheet HTML 6Page - AMIC Technology A65H73361 Datasheet HTML 7Page - AMIC Technology A65H73361 Datasheet HTML 8Page - AMIC Technology A65H73361 Datasheet HTML 9Page - AMIC Technology A65H73361 Datasheet HTML 10Page - AMIC Technology A65H73361 Datasheet HTML 11Page - AMIC Technology A65H73361 Datasheet HTML 12Page - AMIC Technology A65H73361 Datasheet HTML 13Page - AMIC Technology A65H73361 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
A65H73361/A65H83181 Series
PRELIMINARY
(February, 1999, Version 2.0)
9
AMIC Technology, Inc.
AC Characteristics (TJ = 0 to +110
°C, VDD = 3.3V ± 5%)
Parameter
Symbol
-5
-6
-7
Units
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Cycle Time
tKHKH
5
-
6.0
-
7.0
-
ns
Clock High Pulse Width
tKHKL
1.5
-
1.5
-
1.5
-
ns
Clock Low Pulse Width
tKLKH
1.5
-
1.5
-
1.5
-
ns
Clock to Output Valid
tKHQV
-
2.5
3.0
-
3.5
ns
1
Address Setup Time
tAVKH
0.5
-
0.5
-
0.5
-
ns
4
Address Hold Time
tKHAX
1.0
-
1.0
-
1.0
-
ns
4
Sync Select Setup Time
tSVKH
0.5
-
0.5
-
0.5
-
ns
4
Sync Select Hold Time
tKHSX
1.0
-
1.0
-
1.0
-
ns
4
Write Enables Setup Time
tWVKH
0.5
-
0.5
-
0.5
-
ns
4
Write Enables Hold Time
tKHWX
1.0
-
1.0
-
1.0
-
ns
4
Data In Setup Time
tDVKH
0.5
-
0.5
-
0.5
-
ns
4
Data In Hold Time
tKHDX
1.0
-
1.0
-
1.0
-
ns
4
Data Out Hold Time
tKHQX
0.5
-
0.5
-
0.5
-
ns
1
Clock High to Output High-z
tKHQZ
-
2.5
-
3.0
-
3.5
ns
1, 2
Clock high to Output Active
tXHQX4
1.0
-
1.0
-
1.0
-
ns
1, 2
Output Enable to High-z
tGHQZ
-
2.5
3.0
-
3.5
ns
1, 2
Output Enable to Low-z
tGLQX
0.5
-
0.5
-
0.5
-
ns
1, 2
Output Enable to Output Valid
tGLQV
-
2.5
-
3.0
-
3.5
ns
1
Output Enable Setup Time
tGHKH
0.5
-
0.5
-
0.5
-
ns
1, 3
Output Enable Hold Time
tKHGX
1.5
-
1.5
-
1.5
-
ns
1, 3
Sleep Mode Recovery Time
tZZR
5
-
6
-
7
-
ns
Sleep Mode Enable Time
tZZE
-
5
-
6
-
7
ns
1.See AC Test Loading figure on page 8.
2.Transitions are measured
± 200mV from steady state voltage.
3.Output Driver Impedance update specifications for G induced updates. Write and Deselect cycles will also induce
Output Driver Updates during High-z.
4.Inuse conditions VIH, VIL, Trise, Tfall of inputs must be withim 20% of VIH, VIL, Trise, Tfall of Clock.


Similar Part No. - A65H73361

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500AE5R-XXZ AITSEMI-A6500AE5R-XXZ Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500AE5VR-XXZ AITSEMI-A6500AE5VR-XXZ Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6500BE5RXX AITSEMI-A6500BE5RXX Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
More results

Similar Description - A65H73361

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
logo
AMIC Technology
A67L8316 AMICC-A67L8316 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com