Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F8620-EPTQTP Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # PIC18F8620-EPTQTP
Description  64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PIC18F8620-EPTQTP Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button PIC18F8620-EPTQTP Datasheet HTML 6Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 7Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 8Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 9Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 10Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 11Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 12Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 13Page - Micrel Semiconductor PIC18F8620-EPTQTP Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 380 page
background image
PIC18F6520/8520/6620/8620/6720/8720
DS39609B-page 8
 2004 Microchip Technology Inc.
1.2
Details on Individual Family
Members
The PIC18FXX20 devices are available in 64-pin and
80-pin packages. They are differentiated from each
other in five ways:
1.
Flash
program
memory
(32 Kbytes
for
PIC18FX520
devices,
64 Kbytes
for
PIC18FX620
devices
and
128 Kbytes
for
PIC18FX720 devices)
2.
Data
RAM
(2048
bytes
for
PIC18FX520
devices, 3840 bytes for PIC18FX620 and
PIC18FX720 devices)
3.
A/D channels (12 for PIC18F6X20 devices,
16 for PIC18F8X20)
4.
I/O pins (52 on PIC18F6X20 devices, 68 on
PIC18F8X20)
5.
External program memory interface (present
only on PIC18F8X20 devices)
All other features for devices in the PIC18FXX20 family
are identical. These are summarized in Table 1-1.
Block diagrams of the PIC18F6X20 and PIC18F8X20
devices are provided in Figure 1-1 and Figure 1-2,
respectively. The pinouts for these device families are
listed in Table 1-2.
TABLE 1-1:
PIC18FXX20 DEVICE FEATURES
Features
PIC18F6520
PIC18F6620
PIC18F6720
PIC18F8520
PIC18F8620
PIC18F8720
Operating Frequency
DC – 40 MHz
DC – 25 MHz
DC – 25 MHz
DC – 40 MHz
DC – 25 MHz
DC – 25 MHz
Program Memory
(Bytes)
32K
64K
128K
32K
64K
128K
Program Memory
(Instructions)
16384
32768
65536
16384
32768
65536
Data Memory
(Bytes)
2048
3840
3840
2048
3840
3840
Data EEPROM
Memory (Bytes)
1024
1024
1024
1024
1024
1024
External Memory
Interface
No
No
No
Yes
Yes
Yes
Interrupt Sources
17
17
17
18
18
18
I/O Ports
Ports A, B, C,
D, E, F, G
Ports A, B, C, D,
E, F, G
Ports A, B, C, D,
E, F, G
Ports A, B, C,
D, E, F, G, H, J
Ports A, B, C,
D, E, F, G, H, J
Ports A, B, C,
D, E, F, G, H, J
Timers
5
5
5
5
5
5
Capture/Compare/
PWM Modules
55
5
5
5
5
Serial Communications
MSSP,
Addressable
USART (2)
MSSP,
Addressable
USART (2)
MSSP,
Addressable
USART (2)
MSSP,
Addressable
USART (2)
MSSP,
Addressable
USART (2)
MSSP,
Addressable
USART (2)
Parallel Communications
PSP
PSP
PSP
PSP
PSP
PSP
10-bit Analog-to-Digital
Module
12 input
channels
12 input
channels
12 input
channels
16 input
channels
16 input
channels
16 input
channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable
Low-Voltage Detect
Yes
Yes
Yes
Yes
Yes
Yes
Programmable
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Instruction Set
77 Instructions
77 Instructions
77 Instructions
77 Instructions
77 Instructions
77 Instructions
Package
64-pin TQFP
64-pin TQFP
64-pin TQFP
80-pin TQFP
80-pin TQFP
80-pin TQFP


Similar Part No. - PIC18F8620-EPTQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8620-E/PT MICROCHIP-PIC18F8620-E/PT Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
More results

Similar Description - PIC18F8620-EPTQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6520 MICROCHIP-PIC18F6520 Datasheet
3Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
2004
PIC18F6520 MICROCHIP-PIC18F6520_13 Datasheet
6Mb / 380P
   64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
11/29/12 2003-2013
PIC18FXX20 MICROCHIP-PIC18FXX20 Datasheet
7Mb / 366P
   64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18LF8622-I MICROCHIP-PIC18LF8622-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F67J11T-I MICROCHIP-PIC18F67J11T-I Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com