Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S6308X-10S Datasheet(PDF) 4 Page - AMIC Technology

Part # A62S6308X-10S
Description  64K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S6308X-10S Datasheet(HTML) 4 Page - AMIC Technology

  A62S6308X-10S Datasheet HTML 1Page - AMIC Technology A62S6308X-10S Datasheet HTML 2Page - AMIC Technology A62S6308X-10S Datasheet HTML 3Page - AMIC Technology A62S6308X-10S Datasheet HTML 4Page - AMIC Technology A62S6308X-10S Datasheet HTML 5Page - AMIC Technology A62S6308X-10S Datasheet HTML 6Page - AMIC Technology A62S6308X-10S Datasheet HTML 7Page - AMIC Technology A62S6308X-10S Datasheet HTML 8Page - AMIC Technology A62S6308X-10S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A62S6308 Series
(October, 1998, Version 2.0)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C, -25°C to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.0
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . -0.5V to + 4.6V
IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . -25
°C to + 85°C
Storage Temperature, Tstg . .. . . . . . . . -55
°C to + 125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C or -25°C to 85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
A62S6308-70S/10S
A62S6308-70SI/10SI
Unit
Conditions
Min.
Max.
Min.
Max.
ILI
Input Leakage
Current
-
1
-
1
µA
VIN = GND to VCC
ILO
Output Leakage
Current
-
1
-
1
µA
CE1 = VIH or CE2 = VIL or
OE = VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power
Supply Current
-
3
-
3
mA
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC1
Dynamic Operating
-
40
-
40
mA
Min. Cycle, Duty = 100%
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC2
Current
-
5
-
5
mA
CE1 = VIL, CE2 = VIH
VIH = VCC, VIL = 0V
f = 1MHZ, II/O = 0mA


Similar Part No. - A62S6308X-10S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S6308X-10S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com