Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT595D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74VHCT595D
Description  8-bit serial-in/serial-out or parallel-out shift register with output latches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74VHCT595D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74VHCT595D Datasheet HTML 3Page - NXP Semiconductors 74VHCT595D Datasheet HTML 4Page - NXP Semiconductors 74VHCT595D Datasheet HTML 5Page - NXP Semiconductors 74VHCT595D Datasheet HTML 6Page - NXP Semiconductors 74VHCT595D Datasheet HTML 7Page - NXP Semiconductors 74VHCT595D Datasheet HTML 8Page - NXP Semiconductors 74VHCT595D Datasheet HTML 9Page - NXP Semiconductors 74VHCT595D Datasheet HTML 10Page - NXP Semiconductors 74VHCT595D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
74VHC_VHCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 July 2012
7 of 22
NXP Semiconductors
74VHC595; 74VHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74VHC595
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74VHCT595
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74VHC595
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = 50 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 50 A; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = 50 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = 8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 A; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V


Similar Part No. - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74VHCT595D NEXPERIA-74VHCT595D Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHCT595D-Q100 NEXPERIA-74VHCT595D-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Similar Description - 74VHCT595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com