Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B03B-PASK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B03B-PASK
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B03B-PASK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B03B-PASK Datasheet HTML 1Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 2Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B03B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
410
410
PA FAMILY SERIES
Q'ty /
box
Circuits
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
(Note1) PA 66, UL94V-0, vivid yellow
Without a boss
Model No.
Dimensions (mm)
2(Note1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B02B-PAFYK-A
B02B-PASK
B03B-PASK
B04B-PASK
B05B-PASK
B06B-PASK
B07B-PASK
B08B-PASK
B09B-PASK
B10B-PASK
B11B-PASK
B12B-PASK
B13B-PASK
B14B-PASK
B15B-PASK
B16B-PASK
With a boss
B02B-PAFYK-1A
B02B-PASK-1
B03B-PASK-1
B04B-PASK-1
B05B-PASK-1
B06B-PASK-1
B07B-PASK-1
B08B-PASK-1
B09B-PASK-1
B10B-PASK-1
B11B-PASK-1
B12B-PASK-1
B13B-PASK-1
B14B-PASK-1
B15B-PASK-1
B16B-PASK-1
A
2.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
B
6.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
1,000
1,000
500
500
500
500
500
500
250
250
250
250
250
250
5.3
1.7
A
B
0.5
2.0
1.5
φ0.8
Circuit No.1
A
B
0.5
2.0
5.3
1.5
1.7
φ0.8
Circuit No.1
0.5
A
B
2.0
1.5
φ0.8
5.3
1.7
Circuit No.1
Q'ty /
box
Circuits
Model No.
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
Dimensions (mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S02B-PASK-2
S03B-PASK-2
S04B-PASK-2
S05B-PASK-2
S06B-PASK-2
S07B-PASK-2
S08B-PASK-2
S09B-PASK-2
S10B-PASK-2
S11B-PASK-2
S12B-PASK-2
S13B-PASK-2
S14B-PASK-2
S15B-PASK-2
S16B-PASK-2
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
500
500
500
250
250
250
250
250
250
200
200
200
200
2.0
A
B
6.5
(3.4)
Circuit No.1
6.5
(3.4)
2.0
A
B
Circuit No.1
6.5
(3.4)
2.0
A
B
Circuit No.1
Top entry type
Side entry type
(2
to 9 circuits)
(10
to 15 circuits)
(16
circuits)
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-PASK-
S…natural (white)
K…black R…red E…blue M…green O…orange N…brown
P…purple PK…pink Y…yellow L…lemon yellow FY…vivid yellow
LE…light blue H…gray TR…tomato red
(2
to 9 circuits)
(10
to 15 circuits)
Side entry type
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S03B-PASK-2-
S…natural (white)
K…black R…red E…blue M…green O…orange N…brown
P…purple PK…pink Y…yellow L…lemon yellow LE…light blue
H…gray TR…tomato red
(16
circuits)
Through-hole type shrouded header


Similar Part No. - B03B-PASK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B03B-PASK ETC2-B03B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B03B-PASK ETC2-B03B-PASK Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
B03B-PASK JST-B03B-PASK Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
B03B-PASK-1 ETC2-B03B-PASK-1 Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
B03B-PASK-1 JST-B03B-PASK-1 Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - B03B-PASK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PALR-03VF ETC2-PALR-03VF Datasheet
330Kb / 12P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
B06B-PASK ETC2-B06B-PASK Datasheet
311Kb / 15P
   PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
New Jersey Semi-Conduct...
Z130PA20A NJSEMI-Z130PA20A Datasheet
106Kb / 1P
   PA Series
logo
Tyco Electronics
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
logo
Standex Electronics, In...
MS07-PA STANDEX-MS07-PA Datasheet
80Kb / 1P
   MS07-PA SERIES MAGNETIC FLOAT
Rev.01 28.09.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com