Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

553-0211 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 553-0211
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0211 Datasheet(HTML) 3 Page - Dialight Corporation

  553-0211 Datasheet HTML 1Page - Dialight Corporation 553-0211 Datasheet HTML 2Page - Dialight Corporation 553-0211 Datasheet HTML 3Page - Dialight Corporation 553-0211 Datasheet HTML 4Page - Dialight Corporation 553-0211 Datasheet HTML 5Page - Dialight Corporation 553-0211 Datasheet HTML 6Page - Dialight Corporation 553-0211 Datasheet HTML 7Page - Dialight Corporation 553-0211 Datasheet HTML 8Page - Dialight Corporation 553-0211 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-57
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm Discrete LED
Tinted, Diffused
521-9831
3.4 [.134]
3.1 [.122]
0.6 [.024]
0.4 [.016]
ø
2.9 [.114]
2.7 [.106]
4.8 [.189]
4.4 [.173]
3.7 [.145]
3.5 [.138]
6.1 [.240]
5.7 [.224]
29 [1.142]
27 [1.063]
1.8 [.071]
1.2 [.047]
CATHODE
2.54 [.100]
0.6 [.024]
0.4 [.016]
0.7 [.028]
0.4 [.016]
4.8 [.189]
4.4 [.173]
SURFACE NOT FLAT
PART NO.
COLOR
521-9831
Blue
³
Blue
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-9831
Power Dissipation (mW)
100
Forward Current (mA)
20
Derating (mA/°C) From 55°C
.44
Operating Temperature (°C)
-40/+100
Storage Temperature (°C)
-40/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Blue
OPERATING CHARACTERISTICS (TA=25°C)
-9831
Luminous Intensity (mcd)
Min.
6.3
IF=10mA
Typical
12
Peak Wavelength (nm)
Typical
428
λ Peak
Viewing Angle (2
Θ½)
Typical
70°
Forward Voltage (V)
Typical
3.5
IF=10mA
Max.
4.2
Reverse Voltage (V)
IR=10µA
Min.
3
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³
NEW


Similar Part No. - 553-0211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0211 DIALIGHT-553-0211 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0211 DIALIGHT-553-0211 Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0211-200 DIALIGHT-553-0211-200 Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0211-300 DIALIGHT-553-0211-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0211-300 DIALIGHT-553-0211-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 553-0211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com