Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A64S9316G-85I Datasheet(PDF) 10 Page - AMIC Technology

Part # A64S9316G-85I
Description  512K X 16 Bit Low Voltage Super RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S9316G-85I Datasheet(HTML) 10 Page - AMIC Technology

Back Button A64S9316G-85I Datasheet HTML 6Page - AMIC Technology A64S9316G-85I Datasheet HTML 7Page - AMIC Technology A64S9316G-85I Datasheet HTML 8Page - AMIC Technology A64S9316G-85I Datasheet HTML 9Page - AMIC Technology A64S9316G-85I Datasheet HTML 10Page - AMIC Technology A64S9316G-85I Datasheet HTML 11Page - AMIC Technology A64S9316G-85I Datasheet HTML 12Page - AMIC Technology A64S9316G-85I Datasheet HTML 13Page - AMIC Technology A64S9316G-85I Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
A64S9316
PRELIMINARY
(July, 2002, Version 0.1)
9
AMIC Technology, Inc.
Read Cycle 2-1
(1, 3, 6)
tRC
tRC
tSKEW
tSKEW
tASC
tAA
tAHC
tCEH
tASC
tAHC
tAA
tACE
tCLZ5
tBE
tBLZ5
tOE
tOLZ 5
tCHZ 5
tBHZ5
tOHZ5
tACE
tCLZ5
tBE
tBLZ5
tOE
tOLZ 5
tOHZ5
tBHZ5
tCHZ 5
Address
CE1
HB LB
,
OE
DOUT
tBE
Read Cycle 2-2
(1, 3, 6)
tRC
tRC
tSKEW
tSKEW
tASC
tAHC
tACE
tCLZ5
tBE
tBLZ5
tOE
tOLZ 5
tBHZ5
tOHZ5
tBLZ5
tOE
tOLZ 5
tOHZ5
tBHZ5
tCHZ 5
Address
CE1
HB LB
,
OE
DOUT
tBE
tSKEW
tAA
tAA
Notes:
1. WE is high for Read Cycle.
2. Device is continuously enabled
1
CE = VIL, HB = VIL and, or LB = VIL.
3. Address valid prior to or coincident with CE1 and ( HB and, or LB ) transition low.
4. OE = VIL.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.
6. CE2 is high for Read Cycle.


Similar Part No. - A64S9316G-85I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161A-70U AMICC-A64S06161A-70U Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70 AMICC-A64S06161AG-70 Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70F AMICC-A64S06161AG-70F Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
More results

Similar Description - A64S9316G-85I

ManufacturerPart #DatasheetDescription
logo
FIDELIX
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BAX-E FIDELIX-CMP0817BAX-E Datasheet
215Kb / 12P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64S16161 AMICC-A64S16161 Datasheet
235Kb / 16P
   2M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
310Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E06161 AMICC-A64E06161 Datasheet
284Kb / 20P
   1M X 16 Bit Low Voltage Super RAM
A64E16161 AMICC-A64E16161 Datasheet
29Kb / 1P
   2M X 16 Bit Low Voltage Super RAM
logo
Emerging Memory & Logic...
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com