Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A83516 Datasheet(PDF) 2 Page - AMIC Technology

Part # A83516
Description  8 Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A83516 Datasheet(HTML) 2 Page - AMIC Technology

  A83516 Datasheet HTML 1Page - AMIC Technology A83516 Datasheet HTML 2Page - AMIC Technology A83516 Datasheet HTML 3Page - AMIC Technology A83516 Datasheet HTML 4Page - AMIC Technology A83516 Datasheet HTML 5Page - AMIC Technology A83516 Datasheet HTML 6Page - AMIC Technology A83516 Datasheet HTML 7Page - AMIC Technology A83516 Datasheet HTML 8Page - AMIC Technology A83516 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A83516 Series
Preliminary
8 Bit Microcontroller
PRELIMINARY
(November, 1998, Version 0.0)
1
AMIC Technology, Inc.
Features
n 8-bit CMOS microcontroller
n Fully static design with power saving idle mode and
power down mode
n Low standby current at full supply voltage
n Versions for 12/24/40MHZ operating frequency
n On chip 256B RAM
n On chip 64KB X 8 MASK-ROM program memory
n Four 8-bit bidirectional ports
n Three 16-bit Timers/Counters (Timer 2 with up/down
counter feature)
n One full duplex serial port
n Boolean processor
n Six interrupt sources, two priority levels
n Available in 40-pin P-DIP and 44-pin PLCC packages
n 64K bytes external data memory space
General Description
The
AMIC
A83516
is
a
high-performance
8-bit
microcontroller. It is compatible with the industry
standard 80C52 microcontroller series.
The A83516 contains a 256B RAM, 64KB X 8 ROM, four
8-bit
bidirectional
parallel
ports,
three
16-bit
timer/counters, a serial port and six interrupt sources
with two priority levels.
The A83516 has two power reduction modes, idle mode
and power-down mode. It supports 64KB external data
memory.
Pin Configurations
n P-DIP
n PLCC
T2,P1.0
T2EX,P1.1
P1.2
TXD,P3.1
XTAL2
XTAL1
GND
P0.2,AD2
P0.1,AD1
P0.0,AD0
VCC
21
P0.3,AD3
P1.3
P1.4
P1.6
P1.7
RST
RXD,P3.0
T1,P3.5
INT0,P3.2
P1.5
PSEN
ALE
EA
P0.7,AD7
P0.6,AD6
P0.5,AD5
P0.4,AD4
20
19
18
12
16
17
13
14
15
11
10
9
8
7
6
5
4
3
2
1
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
A83516L
P1.5
INT1,P3.3
T0,P3.4
WR,P3.6
RD,P3.7
P2.7,A15
P2.6,A14
P2.5,A13
P2.4,A12
P2.3,A11
P2.2,A10
P2.1,A9
P2.0,A8
P1.6
P1.7
RST
RXD,P3.0
NC
TXD,P3.1
INT0, P3.2
INT1,P3.3
T0,P3.4
T1,P3.5
P0.4,AD4
EA
NC
ALE
PSEN
P2.7,A15
P2.6,A14
P2.5,A13
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
P0.5,AD5
P0.6,AD6
P0.7,AD7


Similar Part No. - A83516

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A8351601 AMICC-A8351601 Datasheet
439Kb / 44P
   Bar Code Reader
A8351601-40 AMICC-A8351601-40 Datasheet
439Kb / 44P
   Bar Code Reader
A8351601F-40 AMICC-A8351601F-40 Datasheet
439Kb / 44P
   Bar Code Reader
A8351601L-40 AMICC-A8351601L-40 Datasheet
439Kb / 44P
   Bar Code Reader
More results

Similar Description - A83516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com