Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR431 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZR431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZR431 Datasheet HTML 1Page - Diodes Incorporated ZR431 Datasheet HTML 2Page - Diodes Incorporated ZR431 Datasheet HTML 3Page - Diodes Incorporated ZR431 Datasheet HTML 4Page - Diodes Incorporated ZR431 Datasheet HTML 5Page - Diodes Incorporated ZR431 Datasheet HTML 6Page - Diodes Incorporated ZR431 Datasheet HTML 7Page - Diodes Incorporated ZR431 Datasheet HTML 8Page - Diodes Incorporated ZR431 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZR431
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431
Document number: DS33255 Rev. 6 - 2
7 of 9
www.diodes.com
October 2011
© Diodes Incorporated
Ordering Information
Device
Tolerance
Package
Code
Part Mark
Packaging
7” Tape and Reel
Quantity
Part Number
Suffix
ZR431F005-7
0.5%
F
43R
SOT23
3000/Tape & Reel
-7
ZR431F005TA
0.5%
F
43R
SOT23
3000/Tape & Reel
TA
ZR431F01-7
1%
F
43B
SOT23
3000/Tape & Reel
-7
ZR431F01TA
1%
F
43B
SOT23
3000/Tape & Reel
TA
ZR431FTA
2%
F
43A
SOT23
3000/Tape & Reel
TA
ZR431GTA
2%
G
ZR431
SOT223
1000/Tape & Reel
TA
Tolerance
Packing
-7: Tape & Reel
TA : Tape & Reel
ZR431 X XXX XX
005 : 0.5%
0.1 : 1%
Blank : 2%
Package
F : SOT23
G : SOT223


Similar Part No. - ZR431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431 ZETEX-ZR431 Datasheet
147Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
logo
Zetex Semiconductors
ZR431C ZETEX-ZR431C Datasheet
147Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431C DIODES-ZR431C Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZR431

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com