Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A62S8308X-70S Datasheet(PDF) 2 Page - AMIC Technology

Part # A62S8308X-70S
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S8308X-70S Datasheet(HTML) 2 Page - AMIC Technology

  A62S8308X-70S Datasheet HTML 1Page - AMIC Technology A62S8308X-70S Datasheet HTML 2Page - AMIC Technology A62S8308X-70S Datasheet HTML 3Page - AMIC Technology A62S8308X-70S Datasheet HTML 4Page - AMIC Technology A62S8308X-70S Datasheet HTML 5Page - AMIC Technology A62S8308X-70S Datasheet HTML 6Page - AMIC Technology A62S8308X-70S Datasheet HTML 7Page - AMIC Technology A62S8308X-70S Datasheet HTML 8Page - AMIC Technology A62S8308X-70S Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
A62S8308 Series
Preliminary
256K X 8 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(March, 2001, Version 0.2)
1
AMIC Technology, Inc.
A17
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
A10
A9
A8
A13
CE2
A15
VCC
A11
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
OE
CE1
WE
A10
7
6
5
4
3
GND
OE
CE1
2
1
0
A16
A62S8308V
(A62S8308X)
1
9
32
24
A11
A9
2
3
4
5
6
7
8
10
11
12
13
14
15
16
A8
A13
VCC
A17
A14
A12
A7
A6
A5
A4
31
30
29
28
27
26
25
23
22
21
20
19
18
17
I/O
I/O
I/O
I/O
I/O
A0
A1
A2
A3
A15
WE
CE2
I/O
I/O
I/O
A16
1
2
3
4
5
6
A
A0
A1
CE2
A3
A6
A8
B
I/O4
A2
WE
A4
A7
I/O0
C
I/O5
NC
A5
I/O1
D
VSS
VCC
E
VCC
VSS
F
I/O6
NC
A17
I/O2
G
I/O7
OE
CE1
A16
A15
I/O3
H
A9
A10
A11
A12
A13
A14
Features
n Power supply range: 2.7V to 3.6V
n Access times: 55ns (max.): for VCC = 3.0V to 3.6V
70ns (max.): for VCC = 2.7V to 3.6V
n Current:
A62S8308-S series:
Operating: 40mA (max.)
Standby:
10
µA (max.)
A62S8308-SI series:
Operating: 40mA (max.)
Standby:
15
µA (max.)
n Extended operating temperature range:-25
°C to 85°C
for –SI series
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Output enable and two chip enable inputs for easy
application
n Data retention voltage: 2V (min.)
n Available in 32-pin SOP, TSOP, sTSOP (8X
13.4mm) forward type and 36-ball Mini BGA (6X8)
packages
General Description
The A62S8308 is a low operating current 2,097,152-bit
static random access memory organized as 262,144
words by 8 bits and operates on a low power supply
voltage from 2.7V to 3.6V.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Two chip enable inputs are provided for power down and
a device enable and an output enable input are included
for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configurations
n
n SOP
n
n TSOP/(sTSOP)
n
n Mini BGA (6X8) Top View
(forward type)


Similar Part No. - A62S8308X-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70S AMICC-A62S8316G-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316G-70SI AMICC-A62S8316G-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70S AMICC-A62S8316V-70S Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316V-70SI AMICC-A62S8316V-70SI Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S8308X-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com