Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8351601 Datasheet(PDF) 7 Page - AMIC Technology

Part # A8351601
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A8351601 Datasheet HTML 3Page - AMIC Technology A8351601 Datasheet HTML 4Page - AMIC Technology A8351601 Datasheet HTML 5Page - AMIC Technology A8351601 Datasheet HTML 6Page - AMIC Technology A8351601 Datasheet HTML 7Page - AMIC Technology A8351601 Datasheet HTML 8Page - AMIC Technology A8351601 Datasheet HTML 9Page - AMIC Technology A8351601 Datasheet HTML 10Page - AMIC Technology A8351601 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
6
AMIC Technology, Inc.
Operating Description
The detail description of the A8351601 included in this
description are:
n Memory Map and Registers
n Timer/Counters
n Serial Interface
n Interrupt System
n Other Information
Memory Map and Registers
Memory
The A8351601 has separate address spaces for program
and data memory. The program and data memory can be
up to 64K bytes.
The A8351601 has 256 bytes of on-chip RAM, plus
numbers of special function registers. The lower 128 bytes
can be accessed either by direct addressing or by indirect
addressing. The upper 128 bytes can be accessed by
indirect addressing only. Figure 1 shows internal data
memory organization and SFR Memory Map.
The lower 128 bytes of RAM can be divided into three
segments as listed below.
1. Register Banks 0-3: locations 00H through 1FH (32
bytes). The device after reset defaults to register bank 0.
To use the other register banks, the user must select
them in software. Each register bank contains eight 1-
byte registers R0-R7. Reset initializes the stack point to
location 07H, and is incremented once to start from 08H,
which is the first register of the second register bank.
2. Bit Addressable Area: 16 bytes have been assigned for
this segment 20H-2FH. Each one of the 128 bits of this
segment can be directly addressed (0-7FH). Each of the
16 bytes in this segment can also be addressed as a
byte.
3. Scratch Pad Area: 30H-7FH are available to the user as
data RAM. However, if the data pointer has been
initialized to this area, enough bytes should be left aside
to prevent SP data destruction.
Special Function Registers
The Special Function Registers (SFR's) are located in
upper 128 Bytes direct addressing area. The SFR Memory
Map in Figure 1 shows that.
F8
FF
F0
B
F7
E8
EF
E0
ACC
E7
D8
DF
D0
PSW
RCAP2L RCAP2H
TL2
TH2
D7
C8 T2CON
CF
C0
C7
B8
IP
BF
B0
P3
B7
A8
IE
AF
A0
P2
ADD
PWM1
PWM2
A7
98
SCON
SBUF
9F
90
P1
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
8F
80
P0
SP
DPL
DPH
PCON
87
Bit
Addressable
Accessible
by Indirect
Addressing
Only
Accessible
by Direct
Addressing
Accessible
by Direct
and Indirect
Addressing
FFH
80H
FFH
80H
7FH
0
Upper
128
Lower
128
Special
Function
Registers
Ports,
Status and
Control Bits,
Timer,
Registers,
Stack Pointer,
Accumulator
(Etc.)
Figure 1. Internal Data Memory and SFR Memory Map
Not all of the addresses are occupied. Unoccupied
addresses are not implemented on the chip. Read
accesses to these addresses in general return random
data, and write accesses have no effect.
User software should not write 1s to these unimplemented
locations,
since
they
may
be
used
in
future
microcontrollers to invoke new features. In that case, the
reset or inactive values of the new bits will always be 0, and
their active values will be 1.
The functions of the SFRs are outlined in the following
sections.
Accumulator (ACC)
ACC is the Accumulator register. The mnemonics for
Accumulator-specific instructions, however, refer to the
Accumulator simply as A.
B Register (B)
The B register is used during multiply and divide
operations. For other instructions it can be treated as
another scratch pad register.


Similar Part No. - A8351601

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com