Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR25000001004FN400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VR25000001004FN400
Description  High Ohmic/High Voltage Metal Glaze Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000001004FN400 Datasheet(HTML) 3 Page - Vishay Siliconix

  VR25000001004FN400 Datasheet HTML 1Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 2Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 3Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 4Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 5Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 6Page - Vishay Siliconix VR25000001004FN400 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VR25
www.vishay.com
Vishay BCcomponents
Revision: 17-Aug-11
3
Document Number: 28732
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PRODUCTS WITH RADIAL LEADS
Note
• Please refer document number 28721 “Packaging” for more detail
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five colored bands in accordance with
IEC 60062, marking codes for resistors and capacitors.
Yellow and grey are used instead of gold and silver because
metal particles in the lacquer could affect high-voltage
properties.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (IEC 60294).
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24/E12 series for resistors with a tolerance of ± 1 %, 5 %, or
10 %. The values of the E96/E24/E12 series are in accordance with IEC 60063.
Notes
• The maximum permissible hot-spot temperature is 155 °C
(1) The maximum voltage that may be continuously applied to the resistor element, see IEC 60115-1
DIMENSIONS - RADIAL TAPING
SYMBOL
PARAMETER
VALUE
TOLERANCE
UNIT
P
Pitch of components
12.7
± 1.0
mm
P0
Feed-hole pitch
12.7
± 0.2
mm
P1
Feed-hole centre to lead at topside at the tape
3.85
± 0.5
mm
P2
Feed-hole center to body center
6.35
± 1.0
mm
F
Lead-to-lead distance
4.8
+ 0.7/- 0
mm
WTape width
18.0
± 0.5
mm
W0
Minimum hold down tape width
5.5
-
mm
H1
Component height
29
Max.
mm
H0
Lead wire clinch height
16.5
± 0.5
mm
H
Height of component from tape center
19.5
 1mm
D0
Feed-hole diameter
4.0
± 0.2
mm
L
Maximum length of snipped lead
11.0
-
mm
L1
Minimum lead wire (tape portion) shortest lead
2.5
-
mm
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H
MASS PER UNIT
TYPE
MASS
(mg)
VR25, 52 mm
212
VR25, 26 mm
148
LIMITING VALUES
TYPE
LIMITING VOLTAGE (1)
Umax.
LIMITING POWER P70
(W)
DC
RMS
VR25
1600
1150
0.25


Similar Part No. - VR25000001004FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000001503FA100 VISHAY-VR25000001503FA100 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000001503FA200 VISHAY-VR25000001503FA200 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000001503FA500 VISHAY-VR25000001503FA500 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000001503FN400 VISHAY-VR25000001503FN400 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
VR25000001503FR500 VISHAY-VR25000001503FR500 Datasheet
333Kb / 7P
   High Ohmic/High Voltage Resistors
Revision: 06-Dec-05
More results

Similar Description - VR25000001004FN400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000001005JA100 VISHAY-VR37000001005JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
Stackpole Electronics, ...
MGM SEI-MGM Datasheet
334Kb / 6P
   High Voltage Metal Glaze Resistor
5/4/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com