Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV400T-150FIB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV400T-150FIB
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV400T-150FIB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV400T-150FIB Datasheet HTML 1Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 2Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 3Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 4Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 5Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 6Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 7Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 8Page - Advanced Micro Devices AM29LV400T-150FIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
Am29LV400
PR EL IMIN AR Y
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
RY/BY#
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
VSS
OE#
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
RESET#
WE#
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
SO
20514C-3
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
NC
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
NC
NC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
FBGA
Bump Side (Bottom) View


Similar Part No. - AM29LV400T-150FIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPC1 AMD-AM29LV400BB-120DPC1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPE1 AMD-AM29LV400BB-120DPE1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-120DPI1 AMD-AM29LV400BB-120DPI1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29LV400T-150FIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com