Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A65H73361P-6 Datasheet(PDF) 8 Page - AMIC Technology

Part # A65H73361P-6
Description  128K x 36 & 256K x 18 Late Write Synchronous Fast SRAM with Pipelined Data Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A65H73361P-6 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A65H73361P-6 Datasheet HTML 4Page - AMIC Technology A65H73361P-6 Datasheet HTML 5Page - AMIC Technology A65H73361P-6 Datasheet HTML 6Page - AMIC Technology A65H73361P-6 Datasheet HTML 7Page - AMIC Technology A65H73361P-6 Datasheet HTML 8Page - AMIC Technology A65H73361P-6 Datasheet HTML 9Page - AMIC Technology A65H73361P-6 Datasheet HTML 10Page - AMIC Technology A65H73361P-6 Datasheet HTML 11Page - AMIC Technology A65H73361P-6 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
A65H73361/A65H83181 Series
PRELIMINARY
(February, 1999, Version 2.0)
7
AMIC Technology, Inc.
Capacitance (TJ = 0 to +110
°C, VDD = 3.3V ± 5%, f = 1MHz)
Parameter
Symbol
Test Condition
Max.
Units
Input Capacitance
CIN
VIN = 0V
3
pF
Data I/O Capacitance (DQ0-DQ35)
COUT
VOUT= 0V
4
pF
AC Input Characteristics
Item
Symbol
Min.
Max.
Notes
AC Input Logic High
VIN (ac)
TBD
3
AC Input Logic Low
VIL (ac)
TBD
3
Clock Input Differential Voltage
VDIF (ac)
TBD
2
VREF Peak to Peak ac Voltage
VREF (ac)
5% VREF (dc)
1
1.The peak to peak AC component superimposed on VREF may not exceed 5% of the DC component of VREF.
2.Performance is a function on VIH and VIL levels to clock inputs.
3.See AC input Definition figure on page 7.
AC Input Definition
V
IH(ac)
V
REF
V
IL(ac)


Similar Part No. - A65H73361P-6

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6500A AITSEMI-A6500A Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500AE5R-XXZ AITSEMI-A6500AE5R-XXZ Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500AE5VR-XXZ AITSEMI-A6500AE5VR-XXZ Datasheet
623Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR, LOW NOISE,FAST RESPONSE LINEAR
REV1.3
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6500BE5RXX AITSEMI-A6500BE5RXX Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
More results

Similar Description - A65H73361P-6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
logo
AMIC Technology
A67L8316 AMICC-A67L8316 Datasheet
272Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
   18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com