Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD120 Datasheet(PDF) 2 Page - AMIC Technology

Part # AD120
Description  3-Level / 258 Outputs TFT LCD Gate Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD120 Datasheet(HTML) 2 Page - AMIC Technology

  AD120 Datasheet HTML 1Page - AMIC Technology AD120 Datasheet HTML 2Page - AMIC Technology AD120 Datasheet HTML 3Page - AMIC Technology AD120 Datasheet HTML 4Page - AMIC Technology AD120 Datasheet HTML 5Page - AMIC Technology AD120 Datasheet HTML 6Page - AMIC Technology AD120 Datasheet HTML 7Page - AMIC Technology AD120 Datasheet HTML 8Page - AMIC Technology AD120 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AD120
Preliminary
3-Level / 258 Outputs TFT LCD Gate Driver
PRELIMINARY
(August, 2001, Version 0.0)
1
AMIC Technology, Inc
Features
n TFT LCD gate driver
n 3-level / 258 outputs
n 40V max. for each output
n -15V min. for each output
n 2.7V~3.6V logic input/output level
n Bi-directional data shift control
n Output waveform control
n TCP available
AD120 is a gate driver for TFT LCD panel. There are 258 outputs in the chip. Three-level output allows voltage correction for
better switching noise rejection. It can be used for XGA / SXGA panels.
Block Diagram
Shift Register
Decoder
Output
.........
.........
.........
ST1X
ST2X
.........
ST2
ST1
CP
XOFF
XON
OGW
VH
VOFF
VL
VDD
VSS
OUT0 OUT1 OUT2
OUT255 OUT256 OUT257
R/L


Similar Part No. - AD120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD120-00 ETC2-AD120-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
AD12025 ETC2-AD12025 Datasheet
142Kb / 1P
   AD12025 SERIES
logo
Sparkle Power Inc.
AD120ABAN2-745106 SPI-AD120ABAN2-745106 Datasheet
47Kb / 1P
   Efficiency Level VI, RoHS Compliant
AD120ABBN2-J25R SPI-AD120ABBN2-J25R Datasheet
48Kb / 1P
   High efficiency and reliability
AD120ACA-D12 SPI-AD120ACA-D12 Datasheet
54Kb / 1P
   120 Watts Power Adapter High efficiency and reliability
More results

Similar Description - AD120

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86351 PANASONIC-MN86351 Datasheet
16Kb / 1P
   TFT LCD Gate Driver with 242 Outputs
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
   Gate Driver for TFT LCD Panel
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
   300-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com