Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08053C103MA72A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08053C103MA72A
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MA72A Datasheet(HTML) 3 Page - AVX Corporation

  08053C103MA72A Datasheet HTML 1Page - AVX Corporation 08053C103MA72A Datasheet HTML 2Page - AVX Corporation 08053C103MA72A Datasheet HTML 3Page - AVX Corporation 08053C103MA72A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
19
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0101
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.20 ± 0.02
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.008 ± 0.0008)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
Cap
100
A
A
A
A
(pF)
150
A
A
A
A
220
A
A
A
A
C
330
A
A
A
A
C
G
G
G
JJJJJJ
K
470
A
A
A
C
G
G
G
JJJJJJ
K
680
A
A
A
C
G
G
G
JJJJJJ
K
1000
A
A
A
C
G
G
G
J
J
JJJJ
K
1500
A
C
G
G
J
J
JJJJ
JJJJ
J
J
M
2200
A
C
G
G
J
J
JJJJ
JJJJ
J
J
M
3300
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
M
4700
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
M
6800
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
P
Cap
0.010
A
C
C
G
G
J
J
JJJJ
JJJJ
J
J
P
(μF
0.015
C
G
G
J
J
JJJJ
JJJJ
J
M
0.022
C
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
C
C
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
C
C
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.10
C
C
G
G
G
G
J
J
J
J
N
J
J
J
J
M
P
0.15
G
G
J
J
J
N
N
J
J
J
J
Q
0.22
G
G
J*
J
J
N
N
N
J
J
J
J
Q
0.33
NNNNN
J
J
M
P
Q
0.47
J*
NNNNN
M
M
M
P
Q
0.68
NNN
M
M
Q
Q
Q
1.0
J*
J*
NNNN
M
M
Q
Q
Q
1.5
PQ
Q
2.2
J*
P*
Q
Q
Q
Q*
3.3
4.7
P*
P*
Q*
Q*
Q*
Q*
10
P*
P*
Q*
Q*
Q*
22
Q*
Q*
47
100
WVDC
10
10
16
25
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
SIZE
0101
0201
0402
0603
0805
1206
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
*Optional Specifications – Contact factory


Similar Part No. - 08053C103MA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08053C103MA72A AVX-08053C103MA72A Datasheet
338Kb / 20P
   General Specifications
08053C103MA72A AVX-08053C103MA72A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
08053C103MA72A AVX-08053C103MA72A Datasheet
282Kb / 18P
   Dielectric General Specifications
08053C103MA72A AVX-08053C103MA72A Datasheet
131Kb / 4P
   General Specifications
08053C103MA72A AVX-08053C103MA72A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 08053C103MA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com