Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVS13VP1UTP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PTVS13VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS13VP1UTP Datasheet(HTML) 1 Page - NXP Semiconductors

  PTVS13VP1UTP Datasheet HTML 1Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 2Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS13VP1UTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
600 W unidirectional Transient Voltage Suppressor (TVS) in a SOD128 small and flat lead
Surface-Mounted Device (SMD) plastic package, designed for transient overvoltage
protection in high-temperature applications.
1.2 Features and benefits
1.3 Applications
Power supply protection
Automotive application
Industrial application
Power management
High-temperature applications
1.4 Quick reference data
[1]
In accordance with IEC 61643-321 (10/1000
s current waveform).
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
Rev. 1 — 11 October 2011
Product data sheet
Rated peak pulse power: PPPM = 600 W High temperature stability Tj  185 C
Reverse standoff voltage range:
VRWM =3.3Vto64V
Small plastic package suitable for
surface-mounted design
Reverse current: IRM =0.001 A
AEC-Q101 qualified
Very low package height: 1 mm
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PPPM
rated peak pulse power
[1] --
600
W
VRWM
reverse standoff voltage
3.3
-
64
V


Similar Part No. - PTVS13VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS13VP1UTP NXP-PTVS13VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVS13VP1UTP NEXPERIA-PTVS13VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS13VP1UTP-Q NEXPERIA-PTVS13VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS13VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com