Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVS54VP1UTP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PTVS54VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS54VP1UTP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PTVS54VP1UTP Datasheet HTML 2Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 9Page - NXP Semiconductors PTVS54VP1UTP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PTVSXP1UTP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 October 2011
6 of 12
NXP Semiconductors
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
Fig 1.
10/1000
s pulse waveform according to
IEC 61643-321
Fig 2.
Relative variation of rated peak pulse power as
a function of junction temperature; typical
values
Tamb =25 CTamb =25 C; f = 1 MHz
(1) PTVS5V0P1UTP
(2) PTVS12VP1UTP
(3) PTVS24VP1UTP
(4) PTVS64VP1UTP
Fig 3.
Rated peak pulse power as a function of pulse
duration; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
tp (ms)
0
4.0
3.0
1.0
2.0
006aab319
50
100
150
IPP
(%)
0
50 % IPP; 1000 μs
100 % IPP; 10 μs
Tj (°C)
0
200
150
50
100
006aac765
0.4
0.8
1.2
0.0
PPPM
PPPM(25°C)
006aac172
104
103
105
PPPM
(W)
102
tp (μs)
10−1
104
103
1102
10
006aac173
103
102
104
Cd
(pF)
10
VR (V)
1102
10
(1)
(2)
(3)
(4)


Similar Part No. - PTVS54VP1UTP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS54VP1UTP NEXPERIA-PTVS54VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS54VP1UTP-Q NEXPERIA-PTVS54VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS54VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com