Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1112 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HFA1112
Description  850MHz, Low Distortion Programmable Gain Buffer Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1112 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HFA1112 Datasheet HTML 6Page - Intersil Corporation HFA1112 Datasheet HTML 7Page - Intersil Corporation HFA1112 Datasheet HTML 8Page - Intersil Corporation HFA1112 Datasheet HTML 9Page - Intersil Corporation HFA1112 Datasheet HTML 10Page - Intersil Corporation HFA1112 Datasheet HTML 11Page - Intersil Corporation HFA1112 Datasheet HTML 12Page - Intersil Corporation HFA1112 Datasheet HTML 13Page - Intersil Corporation HFA1112 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FIGURE 27. 2nd HARMONIC DISTORTION vs POUT
FIGURE 28. 3rd HARMONIC DISTORTION vs POUT
FIGURE 29. 2nd HARMONIC DISTORTION vs POUT
FIGURE 30. 3rd HARMONIC DISTORTION vs POUT
FIGURE 31. INTEGRAL LINEARITY ERROR
FIGURE 32. OVERSHOOT vs INPUT RISE TIME
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
AV = +1
100MHz
50MHz
30MHz
AV = +1
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
100MHz
50MHz
30MHz
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
100MHz
50MHz
30MHz
AV = -1
-20
-30
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
-40
-50
-60
-70
-80
-90
-100
100MHz
50MHz
30MHz
AV = -1
-3.0
INPUT VOLTAGE (V)
-2.0
-1.0
0
1.0
2.0
3.0
-0.04
-0.02
0
0.02
0.04
100
300
500
700
900
1100
1300
INPUT RISE TIME (ps)
60
50
40
30
20
10
0
VOUT = 0.5V
AV = +1
AV = -1
AV = +2
HFA1112


Similar Part No. - HFA1112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112/883 INTERSIL-HFA1112/883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
More results

Similar Description - HFA1112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com