Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501R29W101JF4U Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 501R29W101JF4U
Description  NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

501R29W101JF4U Datasheet(HTML) 2 Page - Johanson Technology Inc.

  501R29W101JF4U Datasheet HTML 1Page - Johanson Technology Inc. 501R29W101JF4U Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.johansondielectrics.com
MechaNical chaRacteRiSticS
aVailable caPacitaNce
electRical chaRacteRiSticS
Dielectric Withstanding Voltage
DWV = 1.5 X rated WVDC for ratings ≤ 500 WVDC,
DWV = 1.2 X rated WVDC for ratings ≥ 1,000 WVDC
For other specifications please see General MLCC Specifications available online.
NOTE: Capacitors may require a surface coating to prevent external arcing. Solder mask should not be used
beneath capacitors. For more information see JDI Tech Note “Surface Arc Season”
how to oRdeR
Part number written: 202R29N101KV4E
taPe ModiFieR
Code
Tape
Reel
E
Embossed
7”
U
Embossed
13”
T
Paper
7”
R
Paper
13”
Tape specs. per EIA RS481
e
MaRKiNg
4 = Unmarked
6 = EIA Code*
4
teRMiNatioN
V = Ni barrier w/
100% Sn Plating
F = Polyterm
flexible termination
T = SnPb
V
Voltage
501 = 500 V
631 = 630 V
102 = 1000 V
202 = 2000 V
302 = 3000 V
402 = 4000 V
502 = 5000 V
602 = 6000 V
202
caPacitaNce
1st two digits are
significant; third digit
denotes number of
zeros, R = decimal.
1R0 = 1.0 pF
101 = 100 pF
101
toleRaNce
NPO: J = ± 5%
K = ± 10%
X7R: K = ± 10%
M = ± 20%
K
NEXT GENERATION HigH Voltage MLCCs 250 - 6,000 VDC
L
W
T
E/B
Rated
Voltage
NPo dielectRic
X7R dielectRic
Minimum
Maximum
Minimum
old Max.
New Max.
S49 / 1825
500 VDC
100 pF
0.018 µF
0.01 µF
0.330 µF
1.000 µF
Inches
(mm)
630 VDC
100 pF
0.015 µF
0.01 µF
0.220 µF
0.270 µF
L
.180 ±.010
(4.57 ±.25)
1000 VDC
10 pF
0.012 µF
1000 pF
0.039 µF
0.047 µF
W
.250 ±.010
(6.35 ±.25)
2000 VDC
10 pF
5600 pF
100 pF
0.018 µF
0.022 µF
T
.140 Max.
(3.56)
3000 VDC
10 pF
2200 pF
100 pF
8200 pF
0.010 µF
E/B .025 ±.015
(0.64±.38)
4000 VDC
10 pF
1200 pF
100 pF
2000 pF
2700 pF
5000 VDC
10 pF
390 pF
100 pF
820 pF
1200 pF
6000 VDC
10 pF
390 pF
100 pF
820 pF
820 pF
S47 / 2220
500 VDC
1000 pF
0.018 µF
0.01 µF
0.330 µF
0.680 µF
Inches
(mm)
630 VDC
1000 pF
0.018 µF
0.01 µF
0.270 µF
0.470 µF
L
.225 ±.015
(5.72 ±.38)
1000 VDC
100 pF
0.015 µF
1000 pF
0.056 µF
0.100 µF
W
.200 ±.015
(5.08 ±.38)
2000 VDC
100 pF
5600 pF
1000 pF
0.027 µF
0.047 µF
T
.150 Max.
(3.81)
3000 VDC
10 pF
2700 pF
100 pF
0.010 µF
0.015 µF
E/B .025 ±.015
(0.64±.38)
4000 VDC
10 pF
1500 pF
100 pF
2200 pF
3300 pF
5000 VDC
10 pF
470 pF
100 pF
1500 pF
2200 pF
6000 VDC
10 pF
470 pF
100 pF
1500 pF
1500 pF
S48 / 2225
500 VDC
1000 pF
0.027 µF
0.01 µF
0.470 µF
1.000 µF
Inches
(mm)
630 VDC
1000 pF
0.022 µF
0.01 µF
0.330 µF
0.680 µF
L
.225 ±.010
(5.72 ±.25)
1000 VDC
100 pF
0.018 µF
1000 pF
0.120 µF
0.220 µF
W
.255 ±.015
(6.48 ±.38)
2000 VDC
100 pF
8200 pF
1000 pF
0.039 µF
0.100 µF
T
.160 Max.
(4.06)
3000 VDC
10 pF
3300 pF
100 pF
0.015 µF
0.022 µF
E/B .025 ±.015
(0.64±.38)
4000 VDC
10 pF
1800 pF
100 pF
5600 pF
0.010 µF
5000 VDC
10 pF
470 pF
100 pF
1500 pF
3300 pF
6000 VDC
10 pF
470 pF
100 pF
1500 pF
1500 pF
dielectRic
N = NPO/COG
W = X7R
caSe SiZe
See Chart
R29
N
Johanson Dielectrics, Inc. reserves the right to make design and price changes without notice. All sales are subject to the
terms and conditions printed on the back side of our sales order acknowledgment forms, including a limited warranty and
remedies for non-conforming goods or defective goods. We will be pleased to provide a copy of these terms and conditions
for your review.


Similar Part No. - 501R29W101JF4U

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
501R29W101JF4E JOHANSON-501R29W101JF4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
More results

Similar Description - 501R29W101JF4U

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
202S43W472KV4E JOHANSON-202S43W472KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W223KV4E JOHANSON-501R18W223KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501S43W473KV4E JOHANSON-501S43W473KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
S-1KV JOHANSON-S-1KV Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
501R18W103KV4E JOHANSON-501R18W103KV4E Datasheet
639Kb / 2P
   NEXT GENERATION High Voltage MLCCs 250 - 6,000 VDC
302S43W332KV4E JOHANSON-302S43W332KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
302R29W102KV4E JOHANSON-302R29W102KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC
202R29N101KV4E JOHANSON-202R29N101KV4E Datasheet
639Kb / 2P
   High Voltage MLCCs 250 - 6,000 VDC, EXTENDED CAPACITA NCE RANGEs
logo
List of Unclassifed Man...
R15-0805 ETC2-R15-0805 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
Johanson Technology Inc...
502R29W102KV3E JOHANSON-502R29W102KV3E Datasheet
266Kb / 2P
   HIGH VOLTAGE S URFACE MOUNT MLCC S 250 - 6,000 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com