Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1112IBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA1112IBZ
Description  850MHz, Low Distortion Programmable Gain Buffer Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1112IBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA1112IBZ Datasheet HTML 5Page - Intersil Corporation HFA1112IBZ Datasheet HTML 6Page - Intersil Corporation HFA1112IBZ Datasheet HTML 7Page - Intersil Corporation HFA1112IBZ Datasheet HTML 8Page - Intersil Corporation HFA1112IBZ Datasheet HTML 9Page - Intersil Corporation HFA1112IBZ Datasheet HTML 10Page - Intersil Corporation HFA1112IBZ Datasheet HTML 11Page - Intersil Corporation HFA1112IBZ Datasheet HTML 12Page - Intersil Corporation HFA1112IBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FIGURE 21. LOW FREQUENCY REVERSE ISOLATION (S12)
FIGURE 22. HIGH FREQUENCY REVERSE ISOLATION (S12)
FIGURE 23. 1dB GAIN COMPRESSION vs FREQUENCY
FIGURE 24. 3rd ORDER INTERMODULATION INTERCEPT vs
FREQUENCY
FIGURE 25. 2nd HARMONIC DISTORTION vs POUT
FIGURE 26. 3rd HARMONIC DISTORTION vs POUT
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
-24
-30
-36
-42
-48
-54
-60
-66
-72
-78
-84
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
AV = +1
AV = -1
AV = +2
AV = +2
AV = -1
0
-24
-30
-36
-42
-48
-54
-60
100 190
280 370
460
550 640
730
820
910 1000
FREQUENCY (MHz)
235
180
90
45
0
GAIN
PHASE
AV = +1
AV = +2
AV = +2
AV = +1
AV = -1
AV = -1
20
18
16
14
12
10
8
6
4
2
0
100
200
300
400
500
FREQUENCY (MHz)
AV = +1
AV = -1
AV = +2
30
20
10
0
100
200
300
400
2 - TONE
FREQUENCY (MHz)
AV = -1
AV = +1
AV = +2
-20
-30
-40
-50
-60
-70
-80
-90
-100
-6
-3
0
3
6
9
12
15
OUTPUT POWER (dBm)
AV = +2
100MHz
50MHz
30MHz
-20
-30
-40
-50
-60
-70
-80
-90
-100
-6
-3
0
3
6
9
12
15
18
OUTPUT POWER (dBm)
AV = +2
100MHz
50MHz
30MHz
HFA1112


Similar Part No. - HFA1112IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112IBZ INTERSIL-HFA1112IBZ Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IBZ INTERSIL-HFA1112IBZ Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112IBZ RENESAS-HFA1112IBZ Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112IBZ96 INTERSIL-HFA1112IBZ96 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IBZ96 INTERSIL-HFA1112IBZ96 Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
More results

Similar Description - HFA1112IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IP INTERSIL-HFA1112IP Datasheet
484Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA-1112IP INTERSIL-HFA-1112IP Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com