Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0506A-5Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI3-0506A-5Z
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0506A-5Z Datasheet(HTML) 5 Page - Intersil Corporation

  HI3-0506A-5Z Datasheet HTML 1Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 2Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 3Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 4Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 5Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 6Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 7Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 8Page - Intersil Corporation HI3-0506A-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN3143.6
October 30, 2007
Functional Diagrams
HI-506A
HI-507A
HI-508A
HI-509A
DECODER/
DRIVER
† † † †
OUT
IN 1
IN 2
IN 16
PROTECTION
A0 A1 A2 A3
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
VREF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
DECODER/
DRIVER
OUT
IN 1A
IN 8A
IN 1B
PROTECTION
A0 A1 A2
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
VREF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
IN 8B
1k
A
OUT
B
DECODER/
DRIVER
OUT
IN 1
IN 2
IN 8
PROTECTION
A0 A1
A2
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
DECODER/
DRIVER
OUT
IN 1A
IN 4A
IN 1B
PROTECTION
A0 A1
EN
DIGITAL INPUT
LEVEL
SHIFT
5V
REF
OVERVOLTAGE
CLAMP AND
SIGNAL
ISOLATION
1k
1k
1k
IN 4B
1k
A
OUT
B
HI-506A, HI-507A, HI-508A, HI-509A


Similar Part No. - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0506A-5Z INTERSIL-HI3-0506A-5Z Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
logo
Renesas Technology Corp
HI3-0506A-5Z RENESAS-HI3-0506A-5Z Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI3-0506A-5Z

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com