Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67L7332E-5 Datasheet(PDF) 10 Page - AMIC Technology

Part # A67L7332E-5
Description  256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L7332E-5 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A67L7332E-5 Datasheet HTML 6Page - AMIC Technology A67L7332E-5 Datasheet HTML 7Page - AMIC Technology A67L7332E-5 Datasheet HTML 8Page - AMIC Technology A67L7332E-5 Datasheet HTML 9Page - AMIC Technology A67L7332E-5 Datasheet HTML 10Page - AMIC Technology A67L7332E-5 Datasheet HTML 11Page - AMIC Technology A67L7332E-5 Datasheet HTML 12Page - AMIC Technology A67L7332E-5 Datasheet HTML 13Page - AMIC Technology A67L7332E-5 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
A67L8316/A67L8318/
A67L7332/A67L7336 Series
PRELIMINARY
(December, 1999, Version 0.1)
9
AMIC Technology, Inc.
Partial Truth Table for READ/WRITE Commands (X16/X18)
Operation
R/ W
BW1
BW2
READ
H
X
X
WRITE Byte “a”
L
L
H
WRITE Byte “b”
L
H
L
WRITE all bytes
L
L
L
WRITE Abort/NOP
L
H
H
Note : Using and BYTE WRITE(s), any one or more bytes may be written.
Partial Truth Table for READ/WRITE Commands (X32/X36)
Operation
R/ W
BW1
BW2
BW3
BW4
READ
H
X
X
X
X
WRITE Byte “a”
L
L
H
H
H
WRITE Byte “b”
L
H
L
H
H
WRITE Byte “c”
L
H
H
L
H
WRITE Byte “d”
L
H
H
H
L
WRITE all bytes
L
L
L
L
L
WRITE Abort/NOP
L
H
H
H
H
Note : Using R/ W and BYTE WRITE(s), any one or more bytes may be written.
Linear Burst Address Table (MODE = LOW)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
Interleaved Burst Address Table (MODE = HIGH or NC)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00


Similar Part No. - A67L7332E-5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L73321 AMICC-A67L73321 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73321E-10 AMICC-A67L73321E-10 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73321E-11 AMICC-A67L73321E-11 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73321E-12 AMICC-A67L73321E-12 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results

Similar Description - A67L7332E-5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com