Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM453232-R271L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CM453232-R271L
Description  SMT Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R271L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CM453232-R271L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Soldering Profiles
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
CM16, CM10
CM45, CM32, CM25, CM20
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
150 °C
183 °C
170 °C
Ramp Down
5 °C/second
<1> 245 °C
<1> 5 seconds maximum
at +245 °C
Ramp Up
4 °C/second maximum
10 seconds minimum


Similar Part No. - CM453232-R271L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-R27KL BOURNS-CM453232-R27KL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-R27M BOURNS-CM453232-R27M Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-R27ML BOURNS-CM453232-R27ML Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM453232-R271L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com