Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG090113W Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TG090113W
Description  Penta-band Cellular Hinged SMA Male Monopole
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG090113W Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TG090113W Datasheet HTML 4Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 5Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 6Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 7Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 8Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 9Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 10Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 11Page - List of Unclassifed Manufacturers TG090113W Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SPE-11-8-034/D/SS
Page 8 of 17
Radiation efficiency -- TG.09 90 degree
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
600
800
1000
1200
1400
1600
1800
2000
2200
2400
(MHz)
pcb 90
metal 90
upright 90
freespace 90
Antenna in right angle position (90o) on different mounting condition.
TG.09 is a monopole antenna. It works better with the present of a ground plane. The
size of the ground plane does not affect the radiation efficiency much as long as it is
greater than 1/4 wavelength (1/4 wavelength for 824MHz is 91mm).


Similar Part No. - TG090113W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG090113W TAOGLAS-TG090113W Datasheet
8Mb / 37P
   4G/3G/2G Cellular Hinged SMA (M) Mount Monopole
More results

Similar Description - TG090113W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG090113 ETC2-TG090113 Datasheet
2Mb / 16P
   Penta-band Cellular Hinged SMA Male Monopole
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W_18 Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA Male Monopole
logo
List of Unclassifed Man...
TG220112 ETC2-TG220112 Datasheet
312Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
TG220152 ETC2-TG220152 Datasheet
329Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
logo
Taoglas antenna solutio...
TG.22.0112 TAOGLAS-TG.22.0112_16 Datasheet
3Mb / 44P
   Penta-Band Cellular Connector Mount Monopole Helical
logo
List of Unclassifed Man...
TG220111W ETC2-TG220111W Datasheet
641Kb / 12P
   PENTA BAND CELLULAR CONNECTOR MOUNT MONOPOLE HELICAL ANTENNA
logo
Taoglas antenna solutio...
TG.22.0222 TAOGLAS-TG.22.0222_16 Datasheet
1Mb / 11P
   2G/3G Penta-Band Cellular Connector Mount Monopole Antenna
TG090113 TAOGLAS-TG090113 Datasheet
8Mb / 37P
   4G/3G/2G Cellular Hinged SMA(M) Mount Monopole
TG090113W TAOGLAS-TG090113W Datasheet
8Mb / 37P
   4G/3G/2G Cellular Hinged SMA (M) Mount Monopole
TG.09.0113 TAOGLAS-TG.09.0113_18 Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA(M) Mount Monopole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com