Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG220151 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG220151
Description  PENTA BAND CELLULAR CONNECTOR MOUNT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG220151 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG220151 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 4Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 6Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 7Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 8Page - List of Unclassifed Manufacturers TG220151 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-11-8-111/D/SS
Page 2 of 12#
1.
Introduction
The TG.22.0151, Penta-band GSM-DCS-PCS-UMTS-CDMA-GPRS-EDGE-HSPA 800MHz to
2200MHz monopole helical antenna is a quality robust antenna with high gain in small form
factor. Connection is made via straight RP-SMA(M) connector. With a hardened waterproof
PU casing, this antenna is the ideal GSM antenna for telematics devices.
2. Key Antenna Performance Indicators
Electrical Specifications
Parameter
Specification
Frequency range
800MHz to 2200MHz
Bands
GSM-DCS-PCS-UMTS-CDMA-GPRS-EDGE-HSPA
VSWR
≦2.3
Polarization
Linear
Power handling
20 W
Impedance
50 Ohms
Connector
Straight RP-SMA(M)
Environmental & Mechanical Characteristics
Parameter
Specification
Temperature
-40C to +85C
Radome color
Black
Radome material
Pu
Weight
6 g


Similar Part No. - TG220151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG220152 ETC2-TG220152 Datasheet
329Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
More results

Similar Description - TG220151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG220111 ETC2-TG220111 Datasheet
1Mb / 14P
   Penta-Band Cellular Connector Mount
TG220112 ETC2-TG220112 Datasheet
312Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
TG220152 ETC2-TG220152 Datasheet
329Kb / 8P
   Penta-Band Cellular Connector Mount Monopole Helical
logo
Taoglas antenna solutio...
TG.22.0112 TAOGLAS-TG.22.0112_16 Datasheet
3Mb / 44P
   Penta-Band Cellular Connector Mount Monopole Helical
logo
List of Unclassifed Man...
GA107201111 ETC2-GA107201111 Datasheet
1Mb / 10P
   Magnetic Mount Cellular Penta-band Antenna
logo
Taoglas antenna solutio...
GA.107.201111 TAOGLAS-GA.107.201111_17 Datasheet
727Kb / 11P
   MAHNETIC MOUNT CELLULAR PENTA-BAND ANTENNA
logo
List of Unclassifed Man...
TG220111W ETC2-TG220111W Datasheet
641Kb / 12P
   PENTA BAND CELLULAR CONNECTOR MOUNT MONOPOLE HELICAL ANTENNA
logo
Taoglas antenna solutio...
TG.22.0222 TAOGLAS-TG.22.0222_16 Datasheet
1Mb / 11P
   2G/3G Penta-Band Cellular Connector Mount Monopole Antenna
GSA.8821.B.301111 TAOGLAS-GSA.8821.B.301111_18 Datasheet
530Kb / 14P
   I-BAR PENTA-BAND CELLULAR ANTENNA
logo
List of Unclassifed Man...
MA203WAB002 ETC2-MA203WAB002 Datasheet
1Mb / 11P
   GPS/Penta-band Cellular Adhesive Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com