Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67L7336E-5 Datasheet(PDF) 11 Page - AMIC Technology

Part # A67L7336E-5
Description  256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L7336E-5 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A67L7336E-5 Datasheet HTML 7Page - AMIC Technology A67L7336E-5 Datasheet HTML 8Page - AMIC Technology A67L7336E-5 Datasheet HTML 9Page - AMIC Technology A67L7336E-5 Datasheet HTML 10Page - AMIC Technology A67L7336E-5 Datasheet HTML 11Page - AMIC Technology A67L7336E-5 Datasheet HTML 12Page - AMIC Technology A67L7336E-5 Datasheet HTML 13Page - AMIC Technology A67L7336E-5 Datasheet HTML 14Page - AMIC Technology A67L7336E-5 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
A67L8316/A67L8318/
A67L7332/A67L7336 Series
PRELIMINARY
(December, 1999, Version 0.1)
10
AMIC Technology, Inc.
Absolute Maximum Ratings*
Power Supply Voltage (VCC) . . . . . . . . . . -0.5V to +4.6V
Voltage Relative to GND for any Pin Except VCC (Vin,
Vout) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC
+0.5V
Operating Temperature (Topr) . . . . . . . . . . . 0
°C to 70°C
Storage Temperature (Tbias) . . . . . . . . . . -10
°C to 85 °C
Storage Temperature (Tstg) . . . . . . . . . . -55
°C to 125°C
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above those
indicated in the operational sections of this specification
is not
implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics and Operating Conditions
(0
°C ≤ TA ≤ 70°C, VCC, VCCQ = +3.3V± 5% unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Note
VIH
Input High Voltage
2.0
VCC+0.3
V
1,2
VIL
Input Low Voltage
-0.3
0.8
V
1,2
ILI
Input Leakage Current
0V
≤ VIH ≤ VCC
-1.0
1.0
µA
3
ILO
Output Leakage Current
Output(s) disabled,
0V
≤ VIN≤ VCC
-1.0
1.0
µA
VOH
Output High Voltage
IOH = -4.0mA
2.4
V
1,4
VOL
Output Low Voltage
IOL = 8.0mA
0.4
V
1,4
VCC
Supply Voltage
3.135
3.465
V
1
VCCQ
Isolated Output Buffer Supply
3.135
VCC
V
1,5
Capacitance
Symbol
Parameter
Conditions
Typ.
Max.
Unit
Note
CI
Control Input Capacitance
3
4
pF
6
CO
Input/Output Capacitance (I/O)
4
5
pF
6
CA
Address Capacitance
TA = 25
°C; f = 1MHz
VCC = 3.3V
3
3.5
pF
6
Note : 1. All voltages referenced to VSS (GND).
2. Overshoot :
VIH
≤ +4.6V for t ≤ tKHKH/2 for I ≤ 20mA
Undershoot :
VIL
≥ -0.7V for t ≤ tKHKH/2 for I ≤ 20mA
Power-up :
VIH
≤ +3.456V and VCC ≤ 3.135V for t ≤ 200ms
3. MODE pin has an internal pull-up and exhibits an input leakage current of
±10µA.
4. The load used for VOH, VOL testing is shown in Figure 2. AC load current is higher than the shown DC values.
AC I/O curves are available upon request.
5. VCC and VCCQ can be externally wired together to the same power supply.
6. This parameter is sampled.


Similar Part No. - A67L7336E-5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L73361 AMICC-A67L73361 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73361E-10 AMICC-A67L73361E-10 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73361E-11 AMICC-A67L73361E-11 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67L73361E-12 AMICC-A67L73361E-12 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results

Similar Description - A67L7336E-5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P83181 AMICC-A67P83181 Datasheet
246Kb / 18P
   256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Integrated Silicon Solu...
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com