Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW160808-6N8J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW160808-6N8J
Description  High Q Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW160808-6N8J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW160808-6N8J Datasheet HTML 1Page - Bourns Electronic Solutions CW160808-6N8J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.35
(.014)
1.0
± 0.2
(.040
± .008)
1.05
± 0.2
(.041
± .008)
1.2
(.047)
REF.
REF.
REF.
REF.
0.35
(.014)
1.65
± 0.2
(.065
± .008)
0.35
(.014)
0.64
(.025)
0.7
(.028)
0.7
(.028)
Features
0603 size
Available in E12 series
High Q - up to 80 typ.
High operating temperature of 125 °C
Small size of only 1.6 mm
RoHS compliant*
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
CW160808 Series - High Q Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Temperature Rise
.................20 °C max. at rated current
Operating Temperature
................................-40 °C to +125 °C
Storage Temperature
................................-40 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
.......................... +260 °C, 10 seconds
Electrical Specifications
Bourns® Part No.
Inductance
Q
Test Freq.
(MHz)
SRF
(MHz)
RDC
I rms
(mA)
nH
Tol. %
Min.
L
Q
Min.
Ohms
Max.
CW160808-1N8M
1.8
±20
16
250
250
6000
0.04
700
CW160808-2N2D
2.2
±15
16
250
250
6000
0.08
700
CW160808-3N9J
3.9
±5
16
250
250
6000
0.08
700
CW160808-4N7J
4.7
±5
16
250
250
5800
0.10
700
CW160808-6N8J
6.8
±5
25
250
250
5800
0.11
700
CW160808-8N2J
8.2
±5
30
250
250
5000
0.11
700
CW160808-10NJ
10
±5
30
250
250
4800
0.13
700
CW160808-12NJ
12
±5
30
250
250
4000
0.13
700
CW160808-15NJ
15
±5
30
250
250
4000
0.17
700
CW160808-18NJ
18
±5
30
250
250
3100
0.17
700
CW160808-22NJ
22
±5
35
250
250
3000
0.19
700
CW160808-27NJ
27
±5
35
250
250
2800
0.22
600
CW160808-33NJ
33
±5
35
250
250
2300
0.22
600
CW160808-39NJ
39
±5
35
250
250
2200
0.25
600
CW160808-47NJ
47
±5
35
200
250
2100
0.28
600
CW160808-56NJ
56
±5
35
200
250
1900
0.31
600
CW160808-68NJ
68
±5
35
200
250
1700
0.34
600
CW160808-72NJ
72
±5
34
200
250
1700
0.49
400
CW160808-82NJ
82
±5
34
150
250
1700
0.54
400
CW160808-R10J
100
±5
34
150
250
1400
0.71
400
CW160808-R12J
120
±5
32
150
250
1350
0.79
300
CW160808-R15J
150
±5
28
150
150
1300
0.92
280
CW160808-R18J
180
±5
25
100
100
990
1.25
240
CW160808-R22J
220
±5
25
100
100
990
1.90
200
CW160808-R27J
270
±5
25
100
100
990
2.30
170
General Specifications
Core Material ............................. Alumina
(1CC150707-302291)
Wire ........ Enameled copper (1W1E180)
Terminal ........................... Mo/Mn+Ni+Au
Encapsulate......... Epoxy (1EAS-UV300)
Packaging................. 3,000 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Solder Profile
0
Time (Seconds)
50
100
150
200
250
50
100
150
200
250
70 SECONDS MAX.
Temperature
Rising
Area
4 °C/
Sec.
Max.
-
50 SECONDS MAX.
PEAK TEMP.
260 °C
230 °C
-
-
Preheat
Area
150~200 °C / 60~120 Sec.
-
Reflow
Area
20~
40 °C/
Sec.
Max.
-
Forced Cooling
Area
-1~5 °C/Sec. Max.


Similar Part No. - CW160808-6N8J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808-6N8J BOURNS-CW160808-6N8J Datasheet
136Kb / 1P
   High Q Chip Inductors
More results

Similar Description - CW160808-6N8J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
   High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
   High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
   High Q Chip Inductors
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
   High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
   High Q Chip Inductors
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
   High Q Chip Inductors
logo
Bourns Electronic Solut...
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
   High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
   High Q Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com