Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI165F11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TI165F11
Description  915MHz 5dBi Outdoors Omni-Directional Rigid Whip Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TI165F11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TI165F11 Datasheet HTML 1Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 2Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 3Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 4Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 5Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 6Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 7Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 8Page - List of Unclassifed Manufacturers TI165F11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-12-8-027/C/JC/PK
Page 2 of 13
I. Introduction
TI.16 is a 5dBi 915MHz ISM band (902MHz to 928MHz) Dipole Omni-directional antenna. This
robust whip is suitable for outdoors applications where wide coverage is required especially in
the azimuth plane, including metering, remote monitoring. As standard low frequency
monopole antenna, its radiation property improves with mounting on metal plate. Connector
can be customized on request.
II. Specification Table
ISM 915MHz
Frequency (MHz)
900
915
925
Peak Gain (dBi)
Free Space
-2.3
-1.7
-1.27
Ground
(30x30cm)
-1.1
-0.3
0.2
Ground
(50x50cm)
3.9
4.6
4.9
Average Gain
(dBi)
Free Space
-7.2
-6.8
-6.4
Ground
(30x30cm)
-6.0
-5.2
-4.6
Ground
(50x50cm)
-3.1
-2.2
-1.7
Efficiency
Free Space
19%
21%
22%
Ground
(30x30cm)
25%
30%
35%
Ground
(50x50cm)
49%
60%
68%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
50 W
MECHANICAL
Dimensions
620mm
Base Diameter
25mm
Whip Diameter
19mm at widest
Whip Material
Coated Brass
Connector
N Male Straight
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - TI165F11

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TI160808 FRONTIER-TI160808 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808B050 FRONTIER-TI160808B050 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808B101 FRONTIER-TI160808B101 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808B300 FRONTIER-TI160808B300 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI160808G100 FRONTIER-TI160808G100 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results

Similar Description - TI165F11

ManufacturerPart #DatasheetDescription
logo
Level One
OAN-0501 LVL1-OAN-0501 Datasheet
137Kb / 2P
   Omni-directional 5dBi Indoor Antenna
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
   5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
logo
Taoglas antenna solutio...
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
logo
List of Unclassifed Man...
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
   3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
logo
Taoglas antenna solutio...
WM80B305111 TAOGLAS-WM80B305111 Datasheet
532Kb / 6P
   169MHz 0dBi Wall Mount Flexible Whip Monopole Omni-Directional Antenna
logo
World Produts Inc.
WPANTDP020 WPI-WPANTDP020 Datasheet
277Kb / 2P
   WPANTDP020 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP023 WPI-WPANTDP023 Datasheet
135Kb / 2P
   WPANTDP023 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
   WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
   WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com