Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI183113 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TI183113
Description  3dBi 868MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinged Connector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TI183113 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TI183113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 9Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 10Page - List of Unclassifed Manufacturers TI183113 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SPE-11-8-013/E/ZL
Page 7 of 22
4.4.2 X-Z Plane Radiation
(Unit : dBi)
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
868MHz
870MHz


Similar Part No. - TI183113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI100111 ETC2-TI100111 Datasheet
225Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
logo
Taoglas antenna solutio...
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
logo
List of Unclassifed Man...
TI100112 ETC2-TI100112 Datasheet
222Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
TI100421 ETC2-TI100421 Datasheet
156Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
TI100422 ETC2-TI100422 Datasheet
374Kb / 6P
   433MHz ISM Band Helical Antenna Omni-directional, with a peak gain of 0dBi
More results

Similar Description - TI183113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI08A0111 ETC2-TI08A0111 Datasheet
262Kb / 11P
   868MHz ISM Band Dipole Terminal Antenna
TI192113 ETC2-TI192113 Datasheet
830Kb / 23P
   2dBi 915MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinge
TI090111 ETC2-TI090111 Datasheet
191Kb / 4P
   0dBi 915MHz ISM Band Straight Dipole Terminal Antenna, SMA(M) Straight
logo
Taoglas antenna solutio...
TD105113 TAOGLAS-TD105113 Datasheet
16Mb / 33P
   Triton 5dBi DSRC 5.9GHz Dipole Terminal Antenna SMA(M) Hinged Connector
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Taoglas antenna solutio...
FW86BSMAM TAOGLAS-FW86BSMAM Datasheet
1Mb / 12P
   Meteor ISM Band 868MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Tyco Electronics
1307028 MACOM-1307028 Datasheet
190Kb / 2P
   Dipole Antenna for ISM Band
logo
List of Unclassifed Man...
FXP280070100A ETC2-FXP280070100A Datasheet
308Kb / 10P
   868MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
   IS.04 868MHz Hercules ISM Band Antenna
GW152113 TAOGLAS-GW152113 Datasheet
3Mb / 66P
   2.4GHz 3dBi Screw mount Dipole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com