Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3216-AL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # P3216-AL
Description  Common Mode Line Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

P3216-AL Datasheet(HTML) 2 Page - Coilcraft lnc.

  P3216-AL Datasheet HTML 1Page - Coilcraft lnc. P3216-AL Datasheet HTML 2Page - Coilcraft lnc. P3216-AL Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 143-2 Revised 04/20/12
Document 143-2
Standard Series
Shown here are typical common mode fre-
quency plots of each part number. The plots
indicate the relative performance of each part
over the frequency range of most interest for
designers of equipment that must meet FCC
and VDE noise regulations. It is important to
note that only a common mode signal will
be attenuated as shown. Differential mode
power such as 50/60 Hz power line currents
or data signals will pass through unimpeded
by the common mode impedance.The inser-
tion loss for differential signals is shown in
the lower graph. These data were taken in a
50 Ohm system. All parts should be tested
using an appropriate Line Impedance Sta-
bilization Network (LISN) when testing EMI/
RFI performance of off-line power converters.
Common Mode Attenuation*
Differential Mode Attenuation*
Current
Leakage
Interwinding
Lead
Part
Inductance
rating
inductance
SRF
DCR max
isolation
diameter
Weight
number
min
(Amps)
max (µH)
typ
(Ohms)
(Volts rms)
nom
(g)
P3213-AL
3.5 mH
1.3
62
500 kHz
0.150
1250
0.051/1,29
15.8
P3214-AL
1.7 mH
2.0
32
850 kHz
0.065
1250
0.051/1,29
16.1
P3215-AL
1.0 mH
3.2
22
1.25 MHz
0.036
1250
0.051/1,29
16.9
P3216-AL
750 µH
5.0
19
1.30 MHz
0.022
1250
0.051/1,29
17.6
P3217-AL
425 µH
8.1
10
1.75 MHz
0.012
1250
0.040/1,02
18.2
P3218-AL
275 µH
13.0
8
2.00 MHz
0.008
1250
0.051/1,29
19.8
1. All parts have #16 AWG solder coated copper wire leads except P3217-A, which has #18 AWG leads.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
4. Parts in bold type are included in Coilcraft Designer’s Kit P402.
0
5
10
15
20
25
30
35
40
45
50
Frequency (MHz)
0.0001
0.001
0.01
0.1
110
100
P3218-A
P3216-A
P3217-A
P3215-A
P3214-A
P3213-A
*measured on Agilent/HP 3577A network analyzer.
0
5
10
15
20
0.0001
0.001
0.01
0.1
110
100
Frequency (MHz)
P3213-A
P3214-A
P3215-A, P3216-A,
P3217-A, P3218-A


Similar Part No. - P3216-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
P3216-AL COILCRAFT-P3216-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
More results

Similar Description - P3216-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com