Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDE6603-150M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDE6603-150M
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDE6603-150M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDE6603-150M Datasheet HTML 1Page - Bourns Electronic Solutions SDE6603-150M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Unit height of 2.9 mm
Inductance range: 1 to 1000
μH
Rated current up to 2.9 A
RoHS compliant*
Applications
DC/DC converters
Power supplies for:
• Portable communication equipment
• Laptop computers
• Camcorders, HDTV, car audio systems
SDE6603 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Voltage ....................................0.1 V
Reflow Soldering ... 230 °C, 50 sec max.
Operating Temperature
............................... -25 °C to +105 °C
(Temperature rise included)
Storage Temperature
............................... -40 °C to +125 °C
Resistance to Soldering Heat
...............................260 °C for 10 sec.
Electrical Characteristics
Bourns Part No.
Inductance
@ 100KHz
L (
μH) ±20 %
SRF
(MHz)
Typ.
DCR
(
Ω)
Max.
I rms
(A)
I sat
(A)
SDE6603-1R0M
1.0
130
0.05
2.9
2.9
SDE6603-1R5M
1.5
115
0.06
2.8
2.6
SDE6603-2R2M
2.2
90
0.07
2.4
2.3
SDE6603-3R3M
3.3
70
0.08
2.0
2.0
SDE6603-4R7M
4.7
50
0.09
1.5
1.5
SDE6603-6R8M
6.8
45
0.13
1.4
1.2
SDE6603-100M
10
35
0.16
1.1
1.1
SDE6603-150M
15
30
0.23
1.0
0.9
SDE6603-220M
22
20
0.37
0.8
0.7
SDE6603-330M
33
15
0.51
0.6
0.58
SDE6603-470M
47
14
0.64
0.5
0.5
SDE6603-680M
68
11
0.86
0.4
0.4
SDE6603-101M
100
9
1.27
0.3
0.31
SDE6603-151M
150
6
2.0
0.25
0.27
SDE6603-221M
220
5.5
3.11
0.2
0.22
SDE6603-331M
330
5
3.8
0.16
0.18
SDE6603-471M
470
4
5.06
0.15
0.16
SDE6603-681M
680
3
9.2
0.12
0.14
SDE6603-102M
1000
2
13.8
0.07
0.1
General Specifications
Core..............................................Ferrite
Wire ........................... Enameled copper
Base ......................................... Ceramic
Adhesive.............................. Epoxy resin
Terminal ................................... Ag/Ni/Au
Rated Current
..............Ind. drop of 10 % typ. at Isat
Temperature Rise .. 40 °C typical at Irms
Packaging.....2000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
Schematic
DIMENSIONS:
MM
(INCHES)
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
4.32
(0.170)
3.90
(0.154)
TYP.
6.60
(0.260)
MAX.
1.02
(0.040)
TYP.
4.45
(0.175)
MAX.
2.92
(0.115)
MAX.
1.27
(0.050)
TYP.
TYP.
6.86
(0.270)
4.06
(0.160)
1.4
(0.055)
1.4
(0.055)
3.56
(0.140)
REF.
Soldering Profile
2R2


Similar Part No. - SDE6603-150M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDE6603_MDS BOURNS-SDE6603_MDS Datasheet
54Kb / 2P
   SMD POWER INDUCTORS
More results

Similar Description - SDE6603-150M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com