Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD235 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD235
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD235 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD235 Datasheet HTML 5Page - Texas Instruments SN65HVD235 Datasheet HTML 6Page - Texas Instruments SN65HVD235 Datasheet HTML 7Page - Texas Instruments SN65HVD235 Datasheet HTML 8Page - Texas Instruments SN65HVD235 Datasheet HTML 9Page - Texas Instruments SN65HVD235 Datasheet HTML 10Page - Texas Instruments SN65HVD235 Datasheet HTML 11Page - Texas Instruments SN65HVD235 Datasheet HTML 12Page - Texas Instruments SN65HVD235 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VO
IO
R
VID
CANH
CANL
VI(CANL)
VI(CANH)
VI(CANH + VI(CANL)
2
VIC =
IO
R
CANH
CANL
VI
2.2V
2.2V
2.9V
1.5V
VOH
VOL
90%
10%
tr
tf
50%
VI
VO
tPLH
tPHL
(seeNote A)
1.5V
CL =15pF ±20%
(seeNoteB)
VO
10%
90%
50%
100
CANH
CANL
Rs, AB, EN, LBK, at 0 V or VCC
Pulse Generator
15
µs Duration
1% Duty Cycle
tr, tf ≤ 100 ns
R
D at 0 V or VCC
SN65HVD233
SN65HVD234
SN65HVD235
www.ti.com.............................................................................................................................................. SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Receiver Voltage and Current Definitions
A.
The input pulse is supplied by a generator having the following characteristics: Pulse repetition rate (PRR)
≤ 125 kHz,
50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes fixture and instrumentation capacitance.
Figure 6. Receiver Test Circuit and Voltage Waveforms
Table 1. Differential Input Voltage Threshold Test
INPUT
OUTPUT
MEASURED
VCANH
VCANL
R
|VID|
–6.1 V
–7 V
L
900 mV
12 V
11.1 V
L
900 mV
VOL
–1 V
–7 V
L
6 V
12 V
6 V
L
6 V
–6.5 V
–7 V
H
500 mV
12 V
11.5 V
H
500 mV
–7 V
–1 V
H
VOH
6 V
6 V
12 V
H
6 V
Open
Open
H
X
NOTE: This test is conducted to test survivability only. Data stability at the R output is not specified.
Figure 7. Test Circuit, Transient Over Voltage Test
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD235 TI-SN65HVD235 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235 TI-SN65HVD235 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD235 TI1-SN65HVD235 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com