Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM72238TDE-3.3 Datasheet(PDF) 9 Page - Texas Instruments

Part # SM72238TDE-3.3
Description  SM72238TD-50
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM72238TDE-3.3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM72238TDE-3.3 Datasheet HTML 5Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 6Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 7Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 8Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 9Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 10Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 11Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 12Page - Texas Instruments SM72238TDE-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SM72238
SM72238
www.ti.com
SNVS694C – JANUARY 2011 – REVISED APRIL 2013
APPLICATION HINTS
EXTERNAL CAPACITORS
A 1.0µF (or greater) capacitor is required between the output and ground for stability. Without this capacitor the
part will oscillate. Most types of tantalum or aluminum electrolytics work fine here; even film types work but are
not recommended for reasons of cost. Many aluminum electrolytics have electrolytes that freeze at about
−30°C,
so solid tantalums are recommended for operation below
−25°C. The important parameters of the capacitor are
an ESR of about 5
Ω or less and a resonant frequency above 500kHz. The value of this capacitor may be
increased without limit.
Ceramic capacitors whose value is greater than 1000pF should not be connected directly from the SM72238
output to ground. Ceramic capacitors typically have ESR values in the range of 5 to 10m
Ω, a value below the
lower limit for stable operation (see Figure 25).
The reason for the lower ESR limit is that the loop compensation of the part relies on the ESR of the output
capacitor to provide the zero that gives added phase lead. The ESR of ceramic capacitors is so low that this
phase lead does not occur, significantly reducing phase margin. A ceramic output capacitor can be used if a
series resistance is added (recommended value of resistance about 0.1
Ω to 2Ω).
At lower values of output current, less output capacitance is required for stability. The capacitor can be reduced
to 0.33µF for currents below 10mA or 0.1µF for currents below 1mA.
Unlike many other regulators, the SM72238 will remain stable and in regulation with no load in addition to the
internal voltage divider. This is especially important in CMOS RAM keep-alive applications.
A 1µF tantalum, ceramic or aluminum electrolytic capacitor should be placed from the SM72238 input to ground
if there is more than 10 inches of wire between the input and the AC filter capacitor or if a battery is used as the
input.
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce the AC noise present at the output. One method is to
reduce the regulator bandwidth by increasing the size of the output capacitor. This is the only way noise can be
reduced but is relatively inefficient, as increasing the capacitor from 1µF to 220µF only decreases the noise from
430µV to 160µV rms for a 100kHz bandwidth at 5V output.
Typical Applications
*Minimum input-output voltage ranges from 40mV to 400mV, depending on load current. Current limit is typically
160mA.
Figure 26. 5 Volt Current Limiter
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM72238


Similar Part No. - SM72238TDE-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72238TDE-3.3 NSC-SM72238TDE-3.3 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TDE-3.3/NOPB TI1-SM72238TDE-3.3/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

Similar Description - SM72238TDE-3.3

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
   TEN 50 Series, 50 Watt
Rev. November 30, 2022
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Analog Devices
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
logo
Pulse A Technitrol Comp...
CX2039LNL PULSE-CX2039LNL Datasheet
180Kb / 2P
   XFMR, RF SGL RAC 50:50
logo
Astec America, Inc
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
logo
PHOENIX CONTACT
3009118 PHOENIX-3009118 Datasheet
149Kb / 7P
   UKH 50
logo
Astec America, Inc
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Rosenberger Hochfrequen...
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
   ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com