Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS193DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS193DRG4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS193DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS193DRG4 Datasheet HTML 1Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 2Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 3Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 4Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 5Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 6Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 7Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 8Page - Texas Instruments SN75ALS193DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN75ALS193
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS008D – JUNE 1986 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended range of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIT+
Positive-going input threshold voltage
200
mV
VIT–
Negative-going input threshold voltage
– 200§
mV
Vhys
Hysteresis voltage (VIT+ –VIT–)
120
mV
VIK
Enable-input clamp voltage
VCC = MIN,
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VCC = MIN,
VID = 200 mV,
25
36
V
VOH
High-level output voltage
CC
,
IOH = – 400 µA,
ID
See Figure 1
2.5
3.6
V
VOL
Low level output voltage
VCC = MIN,
VID
200 mV
IOL = 8 mA
0.45
V
VOL
Low-level output voltage
VID = – 200 mV,
See Figure 1
IOL = 16 mA
0.5
V
IOZ
High impedance state output current
VCC = MAX
VO = 2.4 V
20
µA
IOZ
High-impedance-state output current
VCC = MAX
VO = 0.4 V
–20
µA
II
Line input current
Other input at 0,
VCC = MIN,
VI = 15 V
0.7
1.2
mA
II
Line input current
,
See Note 3
VCC = MIN,
VI = – 15 V
– 1.0
– 1.7
mA
IIH
High level enable input current
VCC = MAX
VIH = 2.7 V
20
µA
IIH
High-level enable-input current
VCC = MAX
VIH = MAX
100
µA
IIL
Low-level enable-input current
VCC = MAX,
VIL = 0.4 V
–100
µA
Input resistance
12
18
k
IOS
Short-circuit output current
VCC = MAX,
VO = 0,
VID = 3 V,
See Note 4
–15
–78
– 130
mA
ICC
Supply current
VCC = MAX,
Outputs disabled
22
35
mA
† For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The algebraic convention, in which the less positive limit is designated minimum, is used in this data sheet for threshold voltage levels only.
NOTES:
3. Refer to ANSI Standard EIA/TIA-422-B and EIA/TIA-423-A for exact conditions.
4. Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
VID = – 2.5 V to 2.5 V,
15
22
tPHL
Propagation delay time, high-to-low-level output
ID
,
CL = 15 pF,
See Figure 2
15
22
tPZH
Output enable time to high level
CL =15 pF
See Figure 3
13
25
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 3
11
25
ns
tPHZ
Output disable time from high level
CL =5 pF
See Figure 3
13
25
tPLZ
Output disable time from low level
CL = 5 pF,
See Figure 3
15
22


Similar Part No. - SN75ALS193DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193DR TI1-SN75ALS193DR Datasheet
574Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS193DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com