Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH8T245PWE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH8T245PWE4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH8T245PWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCH8T245PWE4 Datasheet HTML 2Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 3Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 4Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 5Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 6Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 7Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 8Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 9Page - Texas Instruments SN74LVCH8T245PWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74LVCH8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
DIR at VCCA – 0.6 V,
∆I
CCA
DIR
B port = open,
3 V to 5.5 V
3 V to 5.5 V
50
µA
A port at VCCA or GND
Control
Ci
VI = VCCA or GND
3.3 V
3.3 V
4
5
pF
inputs
A or B
8.5
10
Cio
VO = VCCA/B or GND
3.3 V
3.3 V
pF
port
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN MAX
MIN
MAX
MIN MAX
MIN MAX
tPLH
A
B
1.7
21.9
1.3
9.2
1
7.4
0.4
7.1
ns
tPHL
tPLH
B
A
0.9
23.8
0.8
23.6
0.7
23.4
0.7
23.4
ns
tPHL
tPHZ
OE
A
1.5
29.6
1.5
29.4
1.5
29.3
1.4
29.2
ns
tPLZ
tPHZ
OE
B
2.4
32.2
1.9
13.1
1.7
12
1.3
10.3
ns
tPLZ
tPZH
OE
A
0.4
24
0.4
23.8
0.4
23.7
0.4
23.7
ns
tPZL
tPZH
OE
B
1.8
32
1.5
16
1.2
12.6
0.9
10.8
ns
tPZL
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN MAX
MIN
MAX
MIN
MAX
MIN MAX
tPLH
A
B
1.5
21.4
1.2
9
0.8
6.2
0.6
4.8
ns
tPHL
tPLH
B
A
1.2
9.3
1
9.1
1
8.9
0.9
8.8
ns
tPHL
tPHZ
OE
A
1.4
9
1.4
9
1.4
9
1.4
9
ns
tPLZ
tPHZ
OE
B
2.3
29.6
1.8
11
1.7
9.3
0.9
6.9
ns
tPLZ
tPZH
OE
A
1
10.9
1
10.9
1
10.9
1
10.9
ns
tPZL
tPZH
OE
B
1.7
28.2
1.5
12.9
1.2
9.4
1
6.9
ns
tPZL
6
Submit Documentation Feedback


Similar Part No. - SN74LVCH8T245PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH8T245PWE4 TI-SN74LVCH8T245PWE4 Datasheet
897Kb / 28P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWE4 TI-SN74LVCH8T245PWE4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWE4 TI-SN74LVCH8T245PWE4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWE4 TI-SN74LVCH8T245PWE4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245PWE4 TI-SN74LVCH8T245PWE4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH8T245PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com