Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS194DG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75ALS194DG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS194DG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75ALS194DG4 Datasheet HTML 5Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 6Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 7Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 8Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 9Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 10Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 11Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 12Page - Texas Instruments SN75ALS194DG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SN55ALS194, SN75ALS194
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS009D – OCTOBER 1985 – REVISED MAY 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5 V
IOL= – 20 mA
See Note A
0
– 75
– 50
– 25
0
25
50
0.3
0.4
0.5
75
100
125
0.1
0.2
0.45
0.35
0.25
0.15
0.05
Figure 14
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
0.7
0.6
0.5
0.4
0.8
0.9
1
0.3
0.2
0.1
0
TA = 25°C
See Note A
0
2040
6080
100
10
30
50
70
90
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
NOTE A: The A input is connected to GND during the testing of the Y outputs and to VCC during the testing of the Z outputs.
Figure 15
40
20
10
0
01
2
3
4
5
60
70
80
67
8
50
30
Inputs Grounded
Outputs Enabled
No Load
TA = 25°C
Inputs Open
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
Figure 16
20
10
5
0
0
1
234
5
30
35
40
67
8
25
15
A Inputs Open or Grounded
Outputs Disabled
No Load
TA = 25°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
† Data for temperatures below 0
°C and above 70°C are applicable to the SN55ALS194 circuits only.


Similar Part No. - SN75ALS194DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS194DG4 TI-SN75ALS194DG4 Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75ALS194DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com