Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE16V8H-15PI4 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # PALCE16V8H-15PI4
Description  EE CMOS 20-Pin Universal Programmable Array Logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8H-15PI4 Datasheet(HTML) 4 Page - Advanced Micro Devices

  PALCE16V8H-15PI4 Datasheet HTML 1Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8H-15PI4 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AMD
2-39
PALCE16V8 Family
FUNCTIONAL DESCRIPTION
The PALCE16V8 is a universal PAL device. It has eight
independently configurable macrocells (MC0
MC7).
Each macrocell can be configured as registered output,
combinatorial output, combinatorial I/O or dedicated in-
put. The programming matrix implements a program-
mable AND logic array, which drives a fixed OR logic
array. Buffers for device inputs have complementary
outputs to provide user-programmable input signal po-
larity. Pins 1 and 11 serve either as array inputs or as
clock (CLK) and output enable (
OE), respectively, for all
flip-flops.
Unused input pins should be tied directly to VCC or GND.
Product terms with all bits unprogrammed (discon-
nected) assume the logical HIGH state and product
terms with both true and complement of any input signal
connected assume a logical LOW state.
The programmable functions on the PALCE16V8 are
automatically configured from the user’s design
specification. The design specification is processed by
development software to verify the design and create a
programming file (JEDEC). This file, once downloaded
to a programmer, configures the device according to the
user’s desired function.
The user is given two design options with the
PALCE16V8. First, it can be programmed as a standard
PAL device from the PAL16R8 and PAL10H8 series.
The PAL programmer manufacturer will supply device
codes for the standard PAL device architectures to be
used with the PALCE16V8. The programmer will pro-
gram the PALCE16V8 in the corresponding architec-
ture. This allows the user to use existing standard PAL
device JEDEC files without making any changes to
them. Alternatively, the device can be programmed as
a PALCE16V8. Here the user must use the PALCE16V8
device code. This option allows full utilization of the
macrocell.
16493D-4
*In macrocells MC0 and MC7
, SG1 is replaced by SG0 on the feedback multiplexer.
1 1
0 X
1 0
SG1
SG1
SL0 X
DQ
Q
1 0
1 1
0 X
1 1
1 0
0 0
0 1
VCC
CLK
SL0X
OE
To
Adjacent
Macrocell
From
Adjacent
Pin
1 1
0 X
1 0
*
SL1X
I/OX
PALCE16V8 Macrocell


Similar Part No. - PALCE16V8H-15PI4

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8H-15PI AMD-PALCE16V8H-15PI Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
More results

Similar Description - PALCE16V8H-15PI4

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com