Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75182N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75182N
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75182N Datasheet(HTML) 1 Page - Texas Instruments

  SN75182N Datasheet HTML 1Page - Texas Instruments SN75182N Datasheet HTML 2Page - Texas Instruments SN75182N Datasheet HTML 3Page - Texas Instruments SN75182N Datasheet HTML 4Page - Texas Instruments SN75182N Datasheet HTML 5Page - Texas Instruments SN75182N Datasheet HTML 6Page - Texas Instruments SN75182N Datasheet HTML 7Page - Texas Instruments SN75182N Datasheet HTML 8Page - Texas Instruments SN75182N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single 5-V Supply
D Differential Line Operation
D Dual Channels
D TTL Compatibility
D ±15-V Common-Mode Input Voltage Range
D ±15-V Differential Input Voltage Range
D Individual Channel Strobes
D Built-In Optional Line-Termination Resistor
D Individual Frequency Response Controls
D Designed for Use With Dual Differential
Drivers SN55183 and SN75183
D Designed to Be Interchangeable With
National Semiconductor DS7820A and
DS8820A
description
The SN55182 and SN75182 dual differential line
receivers are designed to sense small differential
signals in the presence of large common-mode
noise. These devices give TTL-compatible output
signals as a function of the polarity of the
differential input voltage. The frequency response
of each channel can be easily controlled by a
single external capacitor to provide immunity to
differential noise spikes. The output goes to a high
level when the inputs are open circuited. A strobe
input (STRB) is provided that, when in the low
level, disables the receiver and forces the output
to a high level.
The receiver is of monolithic single-chip construction, and both halves of the dual circuits use common
power-supply and ground terminals.
The SN55182 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN75182 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
STRB
VID
OUT
L
X
H
H
HH
H
L
L
H = VI ≥ VIH min or VID more
positive than VTH max
L = VI ≤ VIL max or VID more
negative than VTL max
X = irrelevant
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1IN–
1RT
1IN+
1STRB
1RTC
1OUT
GND
VCC
2IN–
2RT
2IN+
2STRB
2RTC
2OUT
SN55182 ...J OR W PACKAGE
SN75182 ...N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2RT
NC
2IN+
NC
2STRB
1IN+
NC
1STRB
NC
1RTC
SN55182 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
THE SN55182 IS NOT RECOMMENDED
FOR NEW DESIGNS


Similar Part No. - SN75182N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182N TI-SN75182N Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182N TI1-SN75182N Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182NE4 TI1-SN75182NE4 Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182NSR TI1-SN75182NSR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182NSRE4 TI1-SN75182NSRE4 Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75182N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com