Selected language     English  â–¼


CX-1_11 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part No. CX-1_11
Description  High Shock Miniature Surface Mount AT Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

   
 1 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
DESCRIPTION
STATEK’s miniature CX1HGSM AT crystals in leadless
ceramic packages are designed for surface mounting on
printed circuit boards or hybrid substrates. These rugged
crystals are designed for applications requiring exceptional
shock and vibration survival.
FEATURES
High shock and vibration resistance
Designed for surface mount applications using
infrared, vapor phase, or epoxy mount techniques
Low profile hermetically sealed ceramic package
Available with glass or ceramic lid
Custom designs available
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Industrial
Down-hole Data Recorder
Process Control
Environmental Control
Engine Control
Telemetry
Ruggedized Instrumentation
Automotive Control
Military & Aerospace
Smart Munitions
Timing Devices (Fuzes)
Surveillance Devices
Missile Telemetry
Ruggedized Communications
Aviation Equipment
CX1HGSM AT CRYSTAL
6 MHz to 250 MHz
High Shock Miniature Surface Mount AT Quartz Crystal
Fundamental Mode: 6 MHz - 250 MHz
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.315
8.00
0.330
8.38
B0.140
3.56
0.155
3.94
C-
-
see below
D0.045
1.14
0.055
1.40
E0.060
1.52
0.070
1.78
THICKNESS (DIM C) MAXIMUM
GLASS LID
CERAMIC LID
inches
mm
inches
mm
SM1
0.065
1.65
0.070
1.78
SM2/SM4
0.067
1.70
0.072
1.83
SM3/SM5
0.070
1.78
0.075
1.90
10108 - Rev D
SXXXX
A
B
E
D
D
TOP
BOTTOM
C
E
PACKAGE DIMENSIONS
glass lid
ceramic lid




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl