Selected language     English  ▼


CX-1_11 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part No. CX-1_11
Description  High Shock Miniature Surface Mount AT Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STATEK [STATEK CORPORATION]
Homepage  http://www.statek.com
Logo 

   
 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
10108 - Rev D
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Fundamental Frequency
10 MHz
32 MHz 155.52 MHz
Motional Resistance R1 (Ω)30
25
15
Motional Capacitance C1 (fF)
5.5
6.2
4.0
Quality Factor Q (k)
100
30
30
Shunt Capacitance C0 (pF)
2.2
2.3
2.3
Calibration Tolerance1
100 ppm, or tighter as required
Load Capacitance2
20 pF for f ≤ 50 MHz
10 pF for f > 50 MHz
Drive Level
500 µW MAX for f ≤ 50 MHz
200 µW MAX for f > 50 MHz
Frequency-Temperature
50 ppm to 10 ppm (Commercial)
Stability1,3
100 ppm to 20 ppm (Industrial)
100 ppm to 30 ppm (Military)
Aging, first year4
10 ppm MAX
Shock, survival5
10,000 g, 0.2 ms, 1/2 sine
Vibration, survival6
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC.
Max Process Temperature 260OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Unless specified otherwise.
3. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
4. 10 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher
frequencies contact factory.
5. Up to 100,000 g. Contact factory.
6. Per MIL-STD-202G, Method 204D, Condition E. Random vibration testing also available.
+
_
+
_
+
_
+
_
+
_
+
_
+
_
SUGGESTED LAND PATTERN
0.160 (4.06)
inches (mm)
0.070 (1.78)
0.270 (6.86)
TERMINATIONS
Designation Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature 260OC for 20 sec.
PACKAGING OPTIONS
• Tray Pack
• 16mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
CX1
S
HG
C
SM1
32.0M , 100
/
100
/
/
I
“S” if special or
custom design.
Blank if Std.
C = Ceramic Lid
Blank = Glass Lid
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
M = MHz
Calibration
Tolerance
@ 25OC
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Operating Temp. Range:
C= -10OC to +70OC
I =-40OC to +85OC
M= -55OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C= -10OC to +70OC
I =-40OC to +85OC
M= -55OC to +125OC
S= Customer Specified
OR
——
200
I
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
HOW TO ORDER CX1HGSM AT CRYSTALS




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl