Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C7511GAC Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0402C7511GAC
Description  Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C7511GAC Datasheet(HTML) 5 Page - Kemet Corporation

  C0402C7511GAC Datasheet HTML 1Page - Kemet Corporation C0402C7511GAC Datasheet HTML 2Page - Kemet Corporation C0402C7511GAC Datasheet HTML 3Page - Kemet Corporation C0402C7511GAC Datasheet HTML 4Page - Kemet Corporation C0402C7511GAC Datasheet HTML 5Page - Kemet Corporation C0402C7511GAC Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Ratings & Part Number Table - 0805 Case Size
Capacitance
Value (pF)
KEMET Part Number
Voltage
Capacitance
Tolerance
Thickness - mm (inches)
Qty
7" Reel
Qty
13" Reel
47000
C0805C473_8GAC
10
F, G, J, K, M
1.25 (0.049) ± 0.15 (0.006)
2,500
10,000
47000
C0805C473_4GAC
16
F, G, J, K, M
1.25 (0.049) ± 0.15 (0.006)
2,500
10,000
47000
C0805C473_3GAC
25
F, G, J, K, M
1.25 (0.049) ± 0.15 (0.006)
2,500
10,000
6800
C0805C682_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
7500
C0805C752_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
8200
C0805C822_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
9100
C0805C912_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
10000
C0805C103_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
12000
C0805C123_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
15000
C0805C153_5GAC
50
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
18000
C0805C183_5GAC
50
F, G, J, K, M
0.90 (0.035) ± 0.10 (0.004)
4,000
10,000
22000
C0805C223_5GAC
50
F, G, J, K, M
1.10 (0.043) ± 0.10 (0.004)
2,500
10,000
2200
C0805C222_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
2400
C0805C242_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
2700
C0805C272_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
3000
C0805C302_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
3300
C0805C332_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
3600
C0805C362_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
3900
C0805C392_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
4300
C0805C432_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
4700
C0805C472_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
5100
C0805C512_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
5600
C0805C562_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
6200
C0805C622_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
6800
C0805C682_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
7500
C0805C752_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
8200
C0805C822_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
9100
C0805C912_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
10000
C0805C103_1GAC
100
F, G, J, K, M
0.78 (0.031) ± 0.10 (0.004)
4,000
10,000
12000
C0805C123_1GAC
100
F, G, J, K, M
1.00 (0.039) ± 0.10 (0.004)
2,500
10,000
15000
C0805C153_1GAC
100
F, G, J, K, M
1.25 (0.049) ± 0.15 (0.006)
2,500
10,000


Similar Part No. - C0402C7511GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C751J5GACTU KEMET-C0402C751J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 750 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0402C7511GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com