Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ22FP202 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RJ22FP202
Description  3006 - Trimpot짰 Trimming Potentiometer
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP202 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RJ22FP202 Datasheet HTML 1Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 2Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 3Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 4Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 5Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 6Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 7Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 8Page - Bourns Electronic Solutions RJ22FP202 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Specifications are subject to change without notice.
6
Model
Number
See
Note 2
Adjust
Size
Element
Technology
Number
of Turns
Sealed
Open
See
Note 1
Packaging
Options
Page
No.
NOTE 1:
Standard packaging; some options may require alternate packaging. Consult factory.
T = Tube, B = Bulk, E = Embossed Tape - 7" Reel, G = Embossed Tape - 13" Reel
NOTE 2:
T = Top Adjustment, S = Side Adjustment, B = Bottom Adjustment
*Indicates patented models.
Cermet
W/W
Single
Multi Sealed Open
2mm 3mm 4mm 5mm
1/4"
3214*
E
T,S
12
3224*
E
T,S
14
3269*
G,T
T,S
22
3302
E
T
32
3303
E
T,B
34
3313*
E
T,S
39
3314
E,G,T
T,S
41
3324*
E
T
47
3364
E
T,B
56
3374*
E
T
58
SMT Trimmers - Product Selection Guide


Similar Part No. - RJ22FP202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ22FP202 BOURNS-RJ22FP202 Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
More results

Similar Description - RJ22FP202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3006P-1-103LF BOURNS-3006P-1-103LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-7-504LF BOURNS-3006P-7-504LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-102 BOURNS-3006P-1-102 Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-203LF BOURNS-3006P-1-203LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-103ZLF BOURNS-3006P-1-103ZLF Datasheet
115Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-502LF BOURNS-3006P-1-502LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-102LF BOURNS-3006P-1-102LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006P-1-504LF BOURNS-3006P-1-504LF Datasheet
131Kb / 1P
   3006 - Trimpot짰 Trimming Potentiometer
3006Y-1-102ZLF BOURNS-3006Y-1-102ZLF Datasheet
131Kb / 1P
   3006 - Trimpot Trimming Potentiometer
3006P-1-202LF BOURNS-3006P-1-202LF Datasheet
136Kb / 1P
   3006 - Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com