Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV020BB-90EEB Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29LV020BB-90EEB
Description  2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV020BB-90EEB Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29LV020BB-90EEB Datasheet HTML 1Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 2Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 3Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 4Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV020BB-90EEB Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Am29LV020B
2/9/98
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
131 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
21351A-2
32-Pin PLCC


Similar Part No. - AM29LV020BB-90EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-45REC AMD-AM29LV001BB-45REC Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-45REC AMD-AM29LV001BB-45REC Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-45RECB AMD-AM29LV001BB-45RECB Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV020BB-90EEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV102B AMD-AM29LV102B Datasheet
39Kb / 7P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory
AM29LV040B AMD-AM29LV040B_06 Datasheet
695Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV040B AMD-AM29LV040B Datasheet
38Kb / 7P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com