Electronic Components Datasheet Search |
|
RT26C2W202 Datasheet(PDF) 10 Page - Bourns Electronic Solutions |
|
RT26C2W202 Datasheet(HTML) 10 Page - Bourns Electronic Solutions |
10 / 86 page 3224 - 4mm SMD Trimming Potentiometer Specifications are subject to change without notice. 14 Electrical Characteristics Standard Resistance Range ....................................10 to 2 megohm (see standard resistance table) Resistance Tolerance .............±10% std. Absolute Minimum Resistance .....................................1% or 2.0 ohms (whichever is greater) Contact Resistance Variation ...............................1% or 3 ohms max. Resolution...................Essentially Infinite Insulation Resistance ................500 vdc. 100 megohms min. Dielectric Strength Sea Level ..................600 vac (1minute) Adjustment Angle .............11 turns nom. Environmental Characteristics Power Rating (300 volts max.) 85°C .......................................0.25 watt 150°C ..........................................0 watt Temperature Range ......-65°C to +150°C Temperature Coefficient .....±100ppm/°C Humidity ........MIL-STD 202 Method 106 TRS ±2%; IR 10 megohms Vibration ..........20G TRS±1%; VRS ±1% Shock ............100G TRS ±1%; VRS±1% Load Life ..........@ 85°C rated power 1,000 hours TRS 3 ohms or 3% (whichever is greater) Rotational Cycling..................200 cycles TRS 3 ohms or 3% (whichever is greater) Thermal Shock ...........................5 cycles TRS±2%; VRS±1% Physical Characteristics Mechanical Stop ...................Wiper idles Torque ..............................180g-cm max. Weight ................Approximately 0.01 oz. Marking .................Manufacturer’s code, resistance code and date code Solderability ..............Per MIL-STD-202, Method 208 Wiper ......................Set at 50% nominal Flammability ..............................UL94V0 Adjustment Tool ..............................H-91 Features s Surface Mount 4mm Square / Multiturn Cermet / Industrial / Sealed s Sealed to withstand board wash processing s Pick and place centering design, with flush adjustment s 4mm design meets EIA/EIAJ/IPC/VRCI SMD standard trimmer footprint s Low CRV - 1% s DESC selected material drawing #92021 3224W Top Adjust 5.3 (.209) 0.2 (.008) 0.9 (.035) 1.0 (.039) 1.2 (.047) 5.1 (.201) 4.8 (.189) 1.3 (.051) 2.54 (.100) 2.9 (.114) 3 1 2 3.5 (.138) 1.52 (.060) 3.9 (.155) 2.54 (.100) 2.6 (.102) 1.2 (.047) DIA. 3 PLCS. 2.0 (.079) 0.80 (.031) 2 PLCS. 1.3 (.051) 2 PLCS. 1.6 (.063) ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) 3224X Top Adjust 5.3 (.209) 0.2 (.008) 1.0 (.039) 5.1 (.201) 4.8 (.189) 2.54 (.100) 2.54 (.100) 5.1 (.200) 1 2 3.5 (.138) .80 (.031) 1.3 (.051) 5.7 (.225) 3.9 (.155) 1.2 (.047) 2 PLCS 3 PLCS. 2.0 (.079) 0.80 (.031) 2 PLCS. TYP. TYP. 1.32 (.052) 2 PLCS. 1.9 (.074) ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) 3224J Side Adjust 3 1 2 2.0 (.079) 4.0 (.157) 5.0 (.197) 3.7 (.146) 0.8 (.031) 2.3 (.090) 4.8 (.189) 1.52 (.060) 2.6 (.102) 1.2 (.047) 2.4 (.094) DIA. 4.6 (.181) 0.2 (.008) 2.3 (.090) 2.0 (.079) 1.3 (.051) 2 PLCS. TYP. 0.9 (.034) 1.3 (.050) 2 PLCS. 1.3 (.050) 2 PLCS. ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) 3224G Side Adjust 5.2 (.205) 1.27 (.050) 2.3 (.090) 2.0 (.079) 1.27 (.050) 1 3 2 2.3 (.090) 4.8 (.189) 0.9 (.034) 1.52 (.060) 2.74 (.108) 1.2 (.047) 2.4 (.094) 4.57 (.180) 6.0 (.236) 0.2 (.008) 3.91 (.154) 0.61 (.024) DIA. 1.3 (.050) TYP. TYP. 2 PLCS. 2 PLCS. ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) How To Order 3224 J - 1 - 502 E Model Style Standard or Modified Product Indicator -1 = Standard Product - IR Reflow * -2 = Wave Solderable -FW5 = .070” ± .010” Shaft Extension Resistance Code Embossed Tape Designator Style J, G: 500 pcs./7” reel (standard) Style W: 250 pcs./7” reel (standard) Consult factory for other available options. * -2 has a treated stainless steel shaft |
Similar Part No. - RT26C2W202 |
|
Similar Description - RT26C2W202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |