Electronic Components Datasheet Search |
|
RT26C2X201 Datasheet(PDF) 5 Page - Bourns Electronic Solutions |
|
RT26C2X201 Datasheet(HTML) 5 Page - Bourns Electronic Solutions |
5 / 86 page 3006 - Trimpot ® Trimming Potentiometer Specifications are subject to change without notice. 9 Features s 3/4” Rectangular / Multiturn Cermet / Industrial / Sealed s Low PC board profile - only 1/4” high s Panel mount option available, (see page 72 for details) s Transparent housing available, can be set visually without hook-up and instrumentation (“P” style only) Electrical Characteristics Standard Resistance Range ..................................10 to 5 megohms (see standard resistance table) Resistance Tolerance .............±10% std. (tighter tolerance available) Absolute Minimum Resistance ............................1.0% or 2 ohms max. (whichever is greater) Contact Resistance Variation ..............................1.0% or 1 ohm max. (whichever is greater) Adjustability Voltage......................................±0.01% Resistance ................................±0.05% Resolution.....................................Infinite Insulation Resistance ................500 vdc. 1,000 megohms min. Dielectric Strength Sea Level ...............................1,000 vac 80,000 Feet...............................250 vac Adjustment Angle .............15 turns nom. Environmental Characteristics Power Rating (400 volts max.) 70°C .......................................0.75 watt 125°C ..........................................0 watt Temperature Range ......-55°C to +125°C Temperature Coefficient .....±100ppm/°C Seal Test ........................85°C Fluorinert* Humidity........MIL-STD-202 Method 103 96 hours (3% ∆TR, 20 Megohms IR) Vibration............20G (2% ∆TR; 2% ∆VR) Shock................50G (2% ∆TR; 2% ∆VR) Load Life ....1,000 hours 0.75 watt 70°C (4% ∆TR) Rotational Life ........................200 cycles (3% ∆TR; 1% or 1 ohm, whichever is greater, CRV) Physical Characteristics Torque .............................5.0 oz-in. max. Mechanical Stops..................Wiper idles Terminals ........................Solderable pins Weight ........................................0.04 oz. Marking ...........................Manufacturer’s trademark, resistance code, terminal numbers, date code, manufacturer’s model number and style Wiper Positioning ..............50% nominal Flammability ..........................U.L. 94V-0 Standard Packaging .....25 pcs. per tube Adjustment Tool ..............................H-90 1 3 CW CLOCKWISE CCW 2 WIPER 1.40 (.055) 6.35 (.250) 19.05 (.750) 1.52 (.060) .38 (.015) 5.33 ± .89 (.210 ± .035) 1 2 3 .76 (.030) .51 ± .03 (.020 ± .001) 4.83 (.190) 4.70 ± .38 (.185 ± .015) 3.30 (.130) 5.08 (.200) 12.70 (.500) 2.54 (.100) Common Dimensions 3006P 1.40 (.055) .64 (.025) 7.62 (.300) 17.78 (.700) 3006Y 3.30 (.130) 5.08 (.200) 12.70 (.500) 3006W 5.08 (.200) 2.54 (.100) DIA. PINS TYP. MIN. ADJ. SLOT 2.36 (.093) .79 (.031) .64 (.025) WIDE X X DEEP DIA. Standard Resistance Table Popular values listed in boldface. Special resistances available. How To Order 3006 P - 1 - 103 Z Model Style Standard or Modified Product Indicator -1 = Standard Product -7 = Transparent Housing Resistance Code Optional Suffix Letter Z = Panel Mount (Factory Installed) Consult factory for other available options. Resistance Resistance (Ohms) Code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 2,000,000 205 SHADED AREAS TYPICALLY NOT STOCKED BY DISTRIBUTORS AND NOT RECOMMENDED FOR NEW DESIGNS. DIMENSIONS ARE: METRIC (INCHES) TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED *”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO. |
Similar Part No. - RT26C2X201 |
|
Similar Description - RT26C2X201 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |