Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOMKHT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOMKHT
Description  HIGH TEMPERATURE OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMKHT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOMKHT Datasheet HTML 1Page - STATEK CORPORATION CXOMKHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10201 Rev B
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.3 V to 5.0 V
Storage Temperature
-55
OC to 125OC
Maximum Process Temperature 260
OC, 20 seconds
HOW TO ORDER 32.768 kHz CXOMKHT and CXOXHT OSCILLATORS
CXOMKHT
4
S
E
SM1
32.768 kHz,
/
/ 200
/
H
Frequency
Stability over
Temp. Range
(in ppm)
“S” if special or
custom design.
Blank if Std.
Enable/Disable
Option E or N
Supply Voltage
4 = 3.3 V
50
/
175
/
/
H
Temp. Range:
H = 25
0C to
200
0C
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Frequency
K = kHz
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
3.3 V ± 10%
Calibration Tolerance
100 ppm, or tighter as required
Frequency Stability
100 ppm for 25
OC to 150OC
over Temperature
150 ppm for 25
OC to 175OC
175 ppm for 25
OC to 200OC
Total Tolerance
1
200 ppm for 25
OC to 200OC
Supply Current (Typical)
500 µA
Output Load (CMOS)
15 pF
Start-up Time
0.8 ms typical
Rise/Fall Time
85 ns/ 45 ns
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX at 25
OC
Aging, 1,000 Hrs
100 ppm MAX at 200
OC
Shock, survival
CXOXHT
Std: 5,000 g, 0.3 ms, 1/2 sine
CXOMKHT
Std: 3,000 g, 0.3 ms, 1/2 sine
CXOMK & CXOX
HG: 10,000 g, 0.3 ms, 1/2 sine
Vibration, survival
2
20 g, 10-2,000 Hz swept sine
Operating Temp Range
3
-55
OC up to 200OC
1. Includes calibration tolerance. Other tolerances available.
2. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing available.
Note: All parameters are measured at ambient temperature with a 10 MΩ, 15 pF load.
3. Expected life at 200ºC is in excess of 1,500 hours.
+
_
+
_
+
_
+
_
+
_
Enable (Pin 1 High*)
Disable (Pin 1 Low)
Output
Frequency output
High Z State
Oscillator
Oscillates
Stops
Current
500 µA at 25
OC
3.2 µA at 25
OC
* When PIN 1 is allowed to float, it is held by an internal pull-up resistor.
ENABLE/DISABLE OPTIONS (E/N)
For the 32.768 kHz CXOXHT and CXOMKHT, Statek
offers two enable/disable options: E and N. The E-version
has a Tri-State output and stops oscillating internally when
the output is put into the high Z state. The N-version does
not have PIN 1 connected internally and so has no
enable/disable capability. The following table describes the
Enable/Disable option E.
ENABLE/DISABLE OPTION E
FUNCTION TABLE
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
PACKAGING OPTIONS
CXOXHT, CXOMKHT - Tray Pack
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
HG = High Shock
otherwise leave
blank.
Termination Blank =
SM1 Gold Plated
(Lead Free)
SM5 = Solder
Dipped (Lead Free)
Temp. Range:
H = 25
0C to 2000C
S = Customer
Specified Temp.
Range
Total Frequency
Tolerance (in
ppm)
1
Calibration
Tolerance
@ 25
0C
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
YS
TEM
CERTIFIC
AT
01
CXOMKHT
CXOXHT


Similar Part No. - CXOMKHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMKHT STATEK-CXOMKHT Datasheet
754Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
IQD Frequency Products ...
CXOMKHT-3.3V IQD-CXOMKHT-3.3V Datasheet
216Kb / 3P
   Crystal Clock Oscillator Specification
CXOMKHT-5.0V IQD-CXOMKHT-5.0V Datasheet
216Kb / 3P
   Crystal Clock Oscillator Specification
CXOMKHTS-5.0V IQD-CXOMKHTS-5.0V Datasheet
134Kb / 3P
   Crystal Clock Oscillator Specification
More results

Similar Description - CXOMKHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOHT STATEK-CXOHT Datasheet
754Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
RSG Electronic Componen...
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
List of Unclassifed Man...
C17SA ETC2-C17SA Datasheet
49Kb / 1P
   MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX125 RALTRON-TX125 Datasheet
35Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com