Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6705 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 6705
Description  DC TO 18, 26.5 GHz, COAXIAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6705 Datasheet(HTML) 1 Page - API Technologies Corp

  6705 Datasheet HTML 1Page - API Technologies Corp 6705 Datasheet HTML 2Page - API Technologies Corp 6705 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 18, 26.5 GHz, COAXIAL
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
66,67,6805 SERIES
SPECIFICATIONS
Model
6605
6705
6805
6705K
Frequency Range (GHz)
DC-18
DC-18
DC-18
DC-26.5
Phase Shift, min (o/GHz)
40
40
40
40
Phase Shift, min (o/GHz/Shaft Turn)
1.5
1.5
1.5
1.5
Insertion Phase, nom at Min Phase Setting (o/GHz)
140
140
150
130
Number of Turns, min
26
26
26
26
VSWR max
DC to 18 GHz
1.60
1.60
1.60
1.60
18 to 26.5 GHz
NA
NA
NA
2.00
Insertion Loss, max (dB)
DC to 18 GHz
1.50
1.50
1.50
1.25
18 to 26.5 GHz
NA
NA
NA
1.75
Power
Average (Watts)
100
100
100
100
Peak (Watts)
1000
1000
1000
1000
Time Delay, nom (nsec) @ Min Phase Setting
0.4
0.4
0.4
0.4
Connectors
SMA
SMA
SMA
K
Weight
Ounces
2.5
3.75
3.0
3.75
Grams
71
106
85
106
NOTES:
1. 1 Degree per GHz of Phase Shift equals 2.78 picoseconds of time delay.
2. Average and Peak Power are given at ambient temperature and altitude with Type SMA Connectors. Power is further limited by the power
threshold level of selected connector style.
FEATURES
• Type SMA Connectors Standard
• Options from DC to 18 GHz
• High Performance, Trough line Style Structure
• Military Grade Materials and Processing
• -40 to + 125ºC Operating Temperature Range


Similar Part No. - 6705

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6705 FILTRONIC-6705 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Pomona Electronics
6705 POMONA-6705 Datasheet
35Kb / 1P
   Isolated BNC F/F Panel Connector for HDTV
logo
Bourns Electronic Solut...
6705-RC BOURNS-6705-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
logo
Alpha Wire
67050 ALPHAWIRE-67050 Datasheet
97Kb / 4P
   Customer Specification
2/23/2023
logo
Filtronic Compound Semi...
6705K FILTRONIC-6705K Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
More results

Similar Description - 6705

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
   Coaxial DC Block 0.01 to 18 GHz
logo
Micronetics, Inc.
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
   Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
   DC TO 1 GHz, COAXIAL
logo
Pasternack Enterprises,...
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
   WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com