Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV800BT90FEB Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV800BT90FEB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800BT90FEB Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV800BT90FEB Datasheet HTML 2Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 3Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 4Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 7Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 8Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 9Page - Advanced Micro Devices AM29LV800BT90FEB Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
Am29LV800B
P R E L I M I NARY
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
T he pac k age an d/ or data int egr ity ma y be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
PIN CONFIGURATION
A0–A18
=
19 addresses
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin, active low
RY/BY#
=
Ready/Busy# output
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
21490E-4
19
16 or 8
DQ0–DQ15
(A-1)
A0–A18
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#


Similar Part No. - AM29LV800BT90FEB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800BT-120DG5C AMD-AM29LV800BT-120DG5C Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5C1 AMD-AM29LV800BT-120DG5C1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5I AMD-AM29LV800BT-120DG5I Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DG5I1 AMD-AM29LV800BT-120DG5I1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV800BT-120DGC2 AMD-AM29LV800BT-120DGC2 Datasheet
272Kb / 12P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory- Die Revision 2
More results

Similar Description - AM29LV800BT90FEB

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com